Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 32Page - Texas Instruments TUSB3200PAH Datasheet HTML 33Page - Texas Instruments TUSB3200PAH Datasheet HTML 34Page - Texas Instruments TUSB3200PAH Datasheet HTML 35Page - Texas Instruments TUSB3200PAH Datasheet HTML 36Page - Texas Instruments TUSB3200PAH Datasheet HTML 37Page - Texas Instruments TUSB3200PAH Datasheet HTML 38Page - Texas Instruments TUSB3200PAH Datasheet HTML 39Page - Texas Instruments TUSB3200PAH Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
2–20
Secondary
MCLKO
CSCHNE
CRESET
CDATI
CDATO
CSCLK
CSYNC
AC97CLK
CRESET
SD_OUT
SD_IN
BIT_CLK
SYNC
AC97CLK
CRESET
SD_OUT
SD_IN
BIT_CLK
SYNC
AC’97 IC
TUSB3200
AC97 or MC97
Primary
Figure 2–3. Connection of the TUSB3200 to Multiple AC ’97 CODECs
2.2.13.3 Inter-IC Sound (I2S) Modes of Operation
The TUSB3200 offers a total of four I2S modes of operation. However, the serial format is the same for all four of the
I2S modes. The difference in the I2S modes is simply the number of serial data outputs and/or serial data inputs
supported. For instance, in CODEC port interface mode 4, there are three serial data outputs (SDOUT1, SDOUT2,
SDOUT3) and one serial data input (SDIN1). Hence, mode 4 can be used to connect the TUSB3200 device to a
CODEC with three stereo DACs and one ADC for multichannel audio applications. Note however that not all of the
serial data outputs and/or inputs must be used for any given mode. Table 2–5 shows the TUSB3200 CODEC terminal
assignments and the respective signal names for each of the I2S modes.
Table 2–5. Terminal Assignments for CODEC Port Interface I2S Modes
TERMINAL
I2S
I2S
I2S
I2S
NO.
NAME
MODE 4
MODE 5
MODE 6
MODE 7
35
CSYNC
LRCK
O
LRCK
O
LRCK
O
LRCK
O
34
CSCLK
SCLK
O
SCLK
O
SCLK
O
SCLK
O
36
CDATO
SDOUT1
O
SDOUT1
O
SDOUT1
O
SDOUT1
O
38
CDATI
SDOUT2
O
SDOUT2
O
SDIN1
I
SDOUT2
O
39
CRESET
SDOUT3
O
SDIN1
I
SDIN2
I
SDOUT3
O
40
CSCHNE
SDIN1
I
SDIN2
I
SDIN3
I
SDOUT4
O
In all I2S modes, the CODEC port interface is configured as a bidirectional full duplex serial interface with two time
slots per frame. The frame sync signal is the left/right clock (LRCK) signal. Time slot 0 is used for the left channel audio
data and time slot 1 is used for the right channel audio data. Both time slots should be set to 32 serial clock (SCLK)
cycles in length giving an SCLK-to-LRCK ratio of 64. The serial clock frequency is based on the audio sample rate
and the CODEC master clock (MCLK) frequency. For example, when using an audio sample rate (FS) of 48 kHz and
an MCLK frequency of 12.288 MHz (256xFS), the SCLK frequency should be set to 3.072 MHz (64xFS). Note that
the CODEC frame sync, the audio sample rate (FS), and the LRCK are all synonymous.
The LRCK signal has a 50% duty cycle. The LRCK signal is low for the left channel time slot and is high for the right
channel time slot. In addition, the LRCK signal is synchronous to the falling edge of the SCLK. Serial data is shifted
out on the falling edge of SCLK and shifted in on the rising edge of SCLK. There is a one SCLK cycle delay from the
edge of the LRCK before the most significant bit of the data is shifted out for both the left channel and right channel.
For the I2S modes of the CODEC port interface, there is a 24-bit transmit and 24-bit receive shift register for each
SDOUT and SDIN signal, respectively. As a result, the interface can actually support 16-bit, 18-bit, 20-bit or 24-bit
transfers. The interface will pad the unused bits automatically with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com