Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 7Page - Texas Instruments TUSB3200PAH Datasheet HTML 8Page - Texas Instruments TUSB3200PAH Datasheet HTML 9Page - Texas Instruments TUSB3200PAH Datasheet HTML 10Page - Texas Instruments TUSB3200PAH Datasheet HTML 11Page - Texas Instruments TUSB3200PAH Datasheet HTML 12Page - Texas Instruments TUSB3200PAH Datasheet HTML 13Page - Texas Instruments TUSB3200PAH Datasheet HTML 14Page - Texas Instruments TUSB3200PAH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
1–5
1.5
Ordering Information
TQFP
Texas Instruments
Package Type
Peripheral Device
Universal Serial Bus
52 pins
PAH
TPAH
3200
USB
1.6
Terminal Functions – Normal Mode
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
2
3.3-V Analog supply voltage
AVSS
49
Analog ground
CSCLK
34
I/O
CODEC port interface serial clock:CSCLK is the serial clock for the CODEC port interface used to clock the
CSYNC, CDATO, CDATI, CRESET AND CSCHNE signals. This signal uses a 5-V compatible TTL/LVCMOS
input/output buffer.
CSYNC
35
I/O
CODEC port interface frame sync: CSYNC is the frame synchronization signal for the CODEC port interface.
This signal uses a 5-V compatible TTL/LVCMOS input/output buffer.
CDATO
36
I/O
CODEC port interface serial data output: See section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CDATI
38
I/O
CODEC port interface serial data input: See section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CRESET
39
I/O
CODEC port interface reset output:
See section 1.9 for details. This signal uses a 5-V compatible
TTL/LVCMOS input/output buffer.
CSCHNE
40
I/O
CODEC port interface secondary channel enable: See section 1.9 for details. This signal uses a 5-V
compatible TTL/LVCMOS input/output buffer.
DP
7
I/O
USB differential pair data signal plus: DP is the positive signal of the bidirectional USB differential pair used to
connect the TUSB3200 device to the universal serial bus.
DM
8
I/O
USB differential pair data signal minus: DM is the negative signal of the bidirectional USB differential pair used
to connect the TUSB3200 device to the universal serial bus.
DVDD
9, 21, 37
3.3-V Digital supply voltage
DVDDS
27, 43
5-V Digital supply voltage
DVSS
5, 16, 33,
46
Digital ground
EXTEN
12
I
External MCU mode enable: Input used to enable the device for the external MCU mode. This signal luses a
3.3-V TTL/LVCMOS input buffer.
MCLKI
47
I
Master clock input: An input that can be used as the master clock for the CODEC port interface or the source for
MCLKO2. This signal uses a 5-V to 3.3-V level shifting input buffer.
MCLKI2
48
I
Master clock input 2: An input that can be used as the master clock for the CODEC port interface or the source
for MCLKO2. This signal uses a 5-V to 3.3-V level shifting input buffer.
MCLKO
44
O
Master clock output: The output of the ACG that can be used as the master clock for the CODEC port interface
and the CODEC. This signal uses a 3.3-V TTL/LVCMOS output buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com