Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 77 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 77 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 73Page - Texas Instruments TUSB3200PAH Datasheet HTML 74Page - Texas Instruments TUSB3200PAH Datasheet HTML 75Page - Texas Instruments TUSB3200PAH Datasheet HTML 76Page - Texas Instruments TUSB3200PAH Datasheet HTML 77Page - Texas Instruments TUSB3200PAH Datasheet HTML 78Page - Texas Instruments TUSB3200PAH Datasheet HTML 79Page - Texas Instruments TUSB3200PAH Datasheet HTML 80Page - Texas Instruments TUSB3200PAH Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
A–29
A.5.3.7 Adaptive Clock Generator Control Register (ACGCTL – Address FFE1h)
The adaptive clock generator control register is used to store various control bits for the adaptive clock generator.
Bit
7
6
5
4
3
2
1
0
Mnemonic
—
MCLKEN
MCLKCP
MCLKIS
—
DIVEN
—
—
Type
R
R/W
R/W
R/W
R
R/W
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
—
Reserved
Reserved for future use
6
MCLKEN
MCLK output enable
The MCLK output enable bit is set to a 1 by the MCU to enable the MCLKO signal to
be an output from the TUSB3200 device. If the MCLKO signal is not being used, then
the MCU can clear this bit to a 0 to disable the output.
5
MCLKCP
MCLK capture source
The MCLK capture source bit is used by the MCU to select between the MCLKO
output signal and the MCLKO2 output signal as the source for the 16-bit MCLK cycle
counter clock. When this bit is cleared to a 0, the clock used is MCLKO and when this
bit is set to a 1 the clock used is MCLKO2.
4
MCLKIS
MCLK input select
The MCLK input select bit is used by the MCU to select between the MCLKI input
signal and the MCLKI2 input signal as a source for MCLK if the internally generated
MCLK is not being used. When this bit is cleared to a 0, the clock used is MCLKI and
when this bit is set to a 1 the clock used is MCLKI2.
3
—
Reserved
Reserved for future use
2
DIVEN
Divider enable
The divider enable bit is set to a 1 by the MCU to enable the divide-by-I and
divide-by-M circuits. The MCU should program the MCLK input select bit, the MCLK
capture source bit and the MCLK output enable bit before setting this bit to a 1.
1:0
—
Reserved
Reserved for future use
A.5.4
CODEC Port Interface Registers
This section describes the memory-mapped registers used for the CODEC port interface control and operation. The
codec port interface has a set of ten registers. Note that the four CODEC port interface configuration registers can
only be written to by the MCU if the CODEC port enable bit (CPTEN) in the global control register is a 0.
A.5.4.1 CODEC Port Interface Configuration Register 1 (CPTCNF1 – Address FFE0h)
The CODEC port interface configuration register 1 is used to store various control bits for the CODEC port interface
operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
NTSL4
NTSL3
NTSL2
NTSL1
NTSL0
MODE2
MODE1
MODE0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:3
NTSL(4:0)
Number of time slots
The number of time slots bits are set by the MCU to program the number of time slots
per audio frame.
00000b = 1 time slot per frame, 00001b = 2 time slots per frame,
…, 11111b = 32 time
slots per frame
2:0
MODE(2:0)
Mode select
The mode select bits are set by the MCU to program the CODEC port interface mode
of operation. In addition to selecting the desired mode of operation, the MCU must
also program the other configuration registers to obtain the correct serial interface
format.
000b = mode 0 - General purpose mode
001b = mode 1 - AIC mode
010b = mode 2 - AC ’97 1.X mode
011b = mode 3 - AC ’97 2.X mode
100b = mode 4 - I2S mode – 3 serial data outputs and 1 serial data input
101b = mode 5 - I2S mode – 2 serial data outputs and 2 serial data inputs
110b = mode 6 - I2S mode – 1 serial data output and 3 serial data inputs
111b = mode 7 - I2S mode – 4 serial data outputs and no serial data inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com