Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 43 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 39Page - Texas Instruments TUSB3200PAH Datasheet HTML 40Page - Texas Instruments TUSB3200PAH Datasheet HTML 41Page - Texas Instruments TUSB3200PAH Datasheet HTML 42Page - Texas Instruments TUSB3200PAH Datasheet HTML 43Page - Texas Instruments TUSB3200PAH Datasheet HTML 44Page - Texas Instruments TUSB3200PAH Datasheet HTML 45Page - Texas Instruments TUSB3200PAH Datasheet HTML 46Page - Texas Instruments TUSB3200PAH Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
3–3
3.4
Timing Characteristics
3.4.1
Clock and Control Signals Over Recommended Operating Conditions
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fMCLKO
Clock frequency, MCLKO
CL = 50 pF, See Note 1
1
25
MHz
fMCLKO2
Clock frequency, MCLKO2
CL = 50 pF, See Note 1
1
25
MHz
fMCLKI
Clock frequency, MCLKI
See Note 1
5
25
MHz
fMCLKI2
Clock frequency, MCLKI2
See Note 1
5
25
MHz
tw(L)
Pulse duration, XINT low
CL = 50 pF
0.2
10
µs
NOTE 1: Worst case duty cycle is 45/55.
tw(L)
XINT
Figure 3–1. External Interrupt Timing Waveform
3.4.2
USB Transceiver Signals Over Recommended Operating Conditions
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tr
Transition rise time for DP or DM
4
20
ns
tf
Transition fall time for DP or DM
4
20
ns
tRFM
Rise/fall time matching
(tr/tf) × 100
90%
110%
VO(CRS)
Voltage output signal crossover
1.3
2
V
tr , tf
90%
10%
VO(CRS)
VOH
VOL
DM
DP
Figure 3–2. USB Differential Driver Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com