Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 60 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 60 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 56Page - Texas Instruments TUSB3200PAH Datasheet HTML 57Page - Texas Instruments TUSB3200PAH Datasheet HTML 58Page - Texas Instruments TUSB3200PAH Datasheet HTML 59Page - Texas Instruments TUSB3200PAH Datasheet HTML 60Page - Texas Instruments TUSB3200PAH Datasheet HTML 61Page - Texas Instruments TUSB3200PAH Datasheet HTML 62Page - Texas Instruments TUSB3200PAH Datasheet HTML 63Page - Texas Instruments TUSB3200PAH Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
A–12
A.4.4.2 USB In Endpoint – Y Buffer Base Address Byte (IEPBBAYx)
The USB in endpoint Y buffer base address byte contains the 8-bit value used to specify the base memory location
for the Y data buffer for a particular USB in endpoint.
Bit
7
6
5
4
3
2
1
0
Mnemonic
BBAY10
BBAY9
BBAY8
BBAY7
BBAY6
BBAY5
BBAY4
BBAY3
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
BBAY(10:3)
Y Buffer base address
The Y buffer base address value is set by the MCU to program the base address
location in memory to be used for the Y data buffer. A total of 11 bits is used to specify
the base address location. This byte specifies the most significant 8 bits of the
address. All 0s are used by the hardware for the three least significant bits.
A.4.4.3 USB In Endpoint – X Buffer Data Count Byte (IEPDCNTXx)
The USB in endpoint X buffer data count byte contains the 7-bit value used to specify the amount of data received
in a data packet from the host PC. The no acknowledge status bit is also contained in this byte.
Bit
7
6
5
4
3
2
1
0
Mnemonic
NACK
DCNTX6
DCNTX5
DCNTX4
DCNTX3
DCNTX2
DCNTX1
DCNTX0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
NACK
No acknowledge
The no acknowledge status bit is set to a 1 by the UBM at the end of a successful
USB in transaction to this endpoint to indicate that the USB endpoint X buffer is
empty. For control, interrupt, or bulk endpoints, when this bit is set to a 1, all
subsequent transactions to the endpoint will result in a NACK handshake response
to the host PC. Also for control, interrupt, and bulk endpoints, to enable this endpoint
to transmit another data packet to the host PC, this bit must be cleared to a 0 by the
MCU. For isochronous endpoints, a NACK handshake response to the host PC is
not allowed. Therefore, the UBM ignores this bit in reference to sending the next
data packet. However, the MCU or DMA should clear this bit after writing a data
packet to the buffer.
6:0
DCNTX(6:0)
X Buffer data count
The X buffer data count value is set by the MCU or DMA when a new data packet is
written to the X buffer for the in endpoint. The 7-bit value is set to the number of bytes
in the data packet for control, interrupt, or bulk endpoint transfers and is set to the
number of samples in the data packet for isochronous endpoint transfers. To
determine the number of samples in the data packet for isochronous transfers, the
bytes per sample value in the configuration byte is used.
A.4.4.4 USB In Endpoint – X and Y Buffer Size Byte (IEPBSIZx)
The USB in endpoint X and Y buffer size byte contains the 8-bit value used to specify the size of the two data buffers
to be used for this endpoint.
Bit
7
6
5
4
3
2
1
0
Mnemonic
BSIZ7
BSIZ6
BSIZ5
BSIZ4
BSIZ3
BSIZ2
BSIZ1
BSIZ0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
BSIZ(7:0)
Buffer size
The X and Y buffer size value is set by the MCU to program the size of the X and Y
data packet buffers. Both buffers are programmed to the same size based on this
value. This value should be in 8 byte units. For example, a value of 18h would result
in the size of the X and Y buffers each being set to 192 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com