Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 44 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 40Page - Texas Instruments TUSB3200PAH Datasheet HTML 41Page - Texas Instruments TUSB3200PAH Datasheet HTML 42Page - Texas Instruments TUSB3200PAH Datasheet HTML 43Page - Texas Instruments TUSB3200PAH Datasheet HTML 44Page - Texas Instruments TUSB3200PAH Datasheet HTML 45Page - Texas Instruments TUSB3200PAH Datasheet HTML 46Page - Texas Instruments TUSB3200PAH Datasheet HTML 47Page - Texas Instruments TUSB3200PAH Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
3–4
3.4.3
CODEC Port Interface Signals (AC ’97 Modes), TA = 25°C, DVDD = 3.3 V, DVDSS = 5 V,
AVDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fBIT_CLK
Frequency, BIT_CLK
See Note 1
12.288
MHz
tcyc1
Cycle time, BIT_CLK
See Note 1
81.4
ns
tw1(H)
Pulse duration, BIT_CLK high
See Note 1
36
40.7
45
ns
tw1(L)
Pulse duration, BIT_CLK low
See Note 1
36
40.7
45
ns
fSYNC
Frequency, SYNC
CL = 50 pF
48
kHz
tcyc2
Cycle time, SYNC
CL = 50 pF
20.8
µs
tw2(H)
Pulse duration, SYNC high
CL = 50 pF
1.3
µs
tw2(L)
Pulse duration, SYNC low
CL = 50 pF
19.5
µs
tpd1
Propagation delay time, BIT_CLK rising edge to SYNC, SD_OUT
and RESET
CL = 50 pF
15
ns
tsu
Setup time, SD_IN to BIT_CLK falling edge
10
ns
th
Hold time, SD_IN from BIT_CLK falling edge
10
ns
NOTE 1: Worst case duty cycle is 45/55.
tw1(H)
tw1(L)
tcyc1
tw2(H)
tw2(L)
tcyc2
BIT_CLK
SYNC
Figure 3–3. BIT_CLK and SYNC Timing Waveforms
tsu
th
BIT_CLK
tpd1
SYNC, SD_OUT, RESET
SD_IN
Figure 3–4. SYNC, SD_IN, and SD_OUT Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com