| Electronic Components Datasheet Search |
|
TUSB3200PAH Datasheet(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB3200PAH Datasheet(HTML) 37 Page - Texas Instruments |
|
37 / 93 page ![]() 2–21 The I2S protocol does not provide for command/status data transfers. Therefore, when using the TUSB3200 device with a CODEC that uses an I2S serial interface for audio data transfers, the TUSB3200 I2C serial interface can be used for CODEC command/status data transfers. In addition, the TUSB3200 CODEC port interface is very flexible. As a result, many variations of the serial interface protocol can be configured including an SCLK-to-LRCK ratio of 32. 2.2.13.3.1 Mapping of DMA Time Slots to CODEC Port Interface Time Slots for I2S Modes The I2S serial data format requires two time slots (left channel and right channel) for each serial data output or input. As discussed in the previous section, the TUSB3200 can support multiple serial data outputs and/or inputs at the same time in accordance with Table 2–5. Each of the serial data outputs and/or inputs has a unique left channel time slot (slot number 0) and right channel time slot (slot number 1). For the I2S modes of operation, the DMA channel time slot assignments must be mapped to the different left channel and right channel time slots for the serial data outputs and inputs. Each DMA channel has fourteen time slot bits, which are time slot assignment bits 0 through 13. Table 2–6 and 2–7 show the CODEC port interface time slot numbers and the corresponding time slot numbers for the DMA channels. As an example, suppose that CODEC port interface mode 4 is to be used with three serial data outputs and one serial data input. The DMA channel to be programmed to support the three serial data outputs would need to have time slot assignment bits 0, 1,2, 4, 5, and 6 set to a 1. The DMA channel to be programmed to support the serial data input would need to have time slot assignment bits 0 and 4 set to a 1. Table 2–6. SLOT Assignments for CODEC Port Interface I2S Mode (Output) SERIAL DATA OUTPUT CODEC PORT INTERFACE TIME SLOT NUMBER DMA CHANNELS(s) TIME SLOT NUMBER SERIAL DATA OUTPUT LEFT CHANNEL RIGHT CHANNEL LEFT CHANNEL RIGHT CHANNEL SDOUT1 0 1 0 4 SDOUT2 0 1 1 5 SDOUT3 0 1 2 6 SDOUT4 0 1 3 7 Table 2–7. SLOT Assignments for CODEC Port Interface I2S Mode (Input) SERIAL DATA INPUT CODEC PORT INTERFACE TIME SLOT NUMBER DMA CHANNELS(s) TIME SLOT NUMBER SERIAL DATA INPUT LEFT CHANNEL RIGHT CHANNEL LEFT CHANNEL RIGHT CHANNEL SDIN1 0 1 0 4 SDIN2 0 1 1 5 SDIN3 0 1 2 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |