Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 38Page - Texas Instruments TUSB3200PAH Datasheet HTML 39Page - Texas Instruments TUSB3200PAH Datasheet HTML 40Page - Texas Instruments TUSB3200PAH Datasheet HTML 41Page - Texas Instruments TUSB3200PAH Datasheet HTML 42Page - Texas Instruments TUSB3200PAH Datasheet HTML 43Page - Texas Instruments TUSB3200PAH Datasheet HTML 44Page - Texas Instruments TUSB3200PAH Datasheet HTML 45Page - Texas Instruments TUSB3200PAH Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
3–2
3.3
Electrical Characteristics Over Recommended Operating Conditions (unless
otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
3.3-V TTL/LVCMOS (MCLKO, MCLKO2, PLLO,
PUR, RSTO)
DVDD–
0.5
VOH
High-level output
voltage
5-V compatible TTL/LVCMOS (CSCLK, CSYNC,
CDATO, CDATI, CRESET, CSCHNE, P1, P3)
IOH = –4 mA
DVDD–
0.5
V
3.3-V – 5-V CMOS level shifting (PWMO)
DVDD–
0.5
3.3-V TTL/LVCMOS (MCLKO, MCLKO2, PLLO,
PUR, RSTO)
0.5
VOL
Low-level output voltage
5-V compatible TTL/LVCMOS (CSCLK, CSYNC,
CDATO, CDATI, CRESET, CSCHNE, P1, P3)
IOL = 4 mA
0.5
V
OL
g
3.3-V – 5-V TTL level shifting, open drain (SCL,
SDA)
OL
0.5
3.3-V – 5-V CMOS level shifting (PWMO)
0.5
V
3.3-V TTL/LVCMOS (MCLKO, MCLKO2, PLLO,
PUR, RSTO)
±20
IOZ
High-impedance output
current
5-V compatible TTL/LVCMOS (CSCLK, CSYNC,
CDATO, CDATI, CRESET, CSCHNE, P1, P3)
±20
µA
3.3-V – 5-V TTL level shifting, open drain (SCL,
SDA)
±20
3.3-V TTL/LVCMOS (EXTEN, MRESET, TEST)
–20
IIL
Low-level input current
5-V compatible TTL/LVCMOS (CSCLK, CSYNC,
CDATO, CDATI, CRESET, CSCHNE, P1, P3,
PLLOEN, XINT)
VI = VIL
–20
µA
5-V – 3.3-V TTL level shifting (MCLKI, MCLKI2,
SDA)
–20
3.3-V TTL/LVCMOS (EXTEN, MRESET, TEST)
20
IIH
High-level input current
5-V compatible TTL/LVCMOS (CSCLK, CSYNC,
CDATO, CDATI, CRESET, CSCHNE, P1, P3,
PLLOEN, XINT)
VI = VIH
20
µA
5-V–3.3-V TTL level shifting (MCLKI, MCLKI2,
SDA)
20
Digital supply voltage , DVDD
55
IDD
Input supply current
Secondary digital supply voltage, DVDDS
5
mA
Analog supply voltage, AVDD
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com