Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 90 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 90 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 85Page - Texas Instruments TUSB3200PAH Datasheet HTML 86Page - Texas Instruments TUSB3200PAH Datasheet HTML 87Page - Texas Instruments TUSB3200PAH Datasheet HTML 88Page - Texas Instruments TUSB3200PAH Datasheet HTML 89Page - Texas Instruments TUSB3200PAH Datasheet HTML 90Page - Texas Instruments TUSB3200PAH Datasheet HTML 91Page - Texas Instruments TUSB3200PAH Datasheet HTML 92Page - Texas Instruments TUSB3200PAH Datasheet HTML 93Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
A–42
A.5.7.4 Global Control Register (GLOBCTL – Address FFB1h)
The global control register contains various global control bits for the TUSB3200 device.
Bit
7
6
5
4
3
2
1
0
Mnemonic
MCUCLK
XINTEN
PUDIS
—
—
LPWR
—
CPTEN
Type
R/W
R/W
R/W
R
R
R/W
R
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
MCUCLK
MCU clock select
The MCU clock select bit is used by the MCU to program the clock frequency to be
used for the MCU operation.
0b = 12 MHz and 1b = 24 MHz
6
XINTEN
External interrupt enable
The external interrupt enable bit is set to a 1 by the MCU to enable the use of the
external interrupt input to the TUSB3200 device.
5
PUDIS
Pull-up resistor disable
The pull-up resistor disable bit is set to a 1 by the MCU to disable the TUSB3200
on-chip pull-up resistors.
4
—
Reserved
Reserved for future use
3
—
Reserved
Reserved for future use
2
LPWR
Low power mode disable
The low power mode disable bit is used by the MCU to disable the TUSB3200
semi-low power state. When this bit is cleared to a 0, all USB functional blocks
including the USB buffers and configuration blocks are powered-down. For normal
operation, the MCU must set this bit to a 1.
1
—
Reserved
Reserved for future use
0
CPTEN
CODEC port enable
The CODEC port enable bit is set to a 1 by the MCU to enable the operation of the
CODEC port interface. Note that the CODEC port interface configuration registers
should be fully programmed before this bit is set by the MCU.
A.5.7.5 Memory Configuration Register (MEMCFG – Address FFB0h)
The memory configuration register contains various bits pertaining to the memory configuration of the TUSB3200
device.
Bit
7
6
5
4
3
2
1
0
Mnemonic
MEMTYP
CODESZ1
CODESZ0
REV3
REV2
REV1
REV0
SDW
Type
R
R
R
R
R
R
R
R/W
Default
1
0
1
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
MEMTYP
Code memory type
The code memory type bit identifies if the type of memory used for the application
program code space is ROM or RAM. For the TUSB3200, an 8K byte RAM is used
and this bit is tied to 1.
6:5
CODESZ
Code space size
The code space size bits identify the size of the application program code memory
space. For the TUSB3200, an 8K byte RAM is used and these bits are tied to 01b.
00b = 4K bytes,
01b = 8K bytes,
10b = 16K bytes,
11b = 32K bytes
4:1
REV
IC revision
The IC revision bits identify the revision of the IC.
0000b = Rev. -,
0001b = Rev. A,
…,
1111b = Rev. F
0
SDW
Shadow the boot ROM
The shadow the boot ROM bit is set to a 1 by the MCU to switch the MCU memory
configuration from boot loader mode to normal operating mode. This should occur
after completion of the download of the application program code by the boot ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com