Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200PAH Datasheet(PDF) 59 Page - Texas Instruments

Part # TUSB3200PAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200PAH Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB3200PAH Datasheet HTML 55Page - Texas Instruments TUSB3200PAH Datasheet HTML 56Page - Texas Instruments TUSB3200PAH Datasheet HTML 57Page - Texas Instruments TUSB3200PAH Datasheet HTML 58Page - Texas Instruments TUSB3200PAH Datasheet HTML 59Page - Texas Instruments TUSB3200PAH Datasheet HTML 60Page - Texas Instruments TUSB3200PAH Datasheet HTML 61Page - Texas Instruments TUSB3200PAH Datasheet HTML 62Page - Texas Instruments TUSB3200PAH Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
A–11
A.4.3.6.2 USB Out Endpoint – Isochronous Configuration Byte
This section defines the functionality of the bits in the USB out endpoint configuration byte for isochronous endpoints.
Bit
7
6
5
4
3
2
1
0
Mnemonic
OEPEN
ISO
OVF
BPS4
BPS3
BPS2
BPS1
BPS0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
OEPEN
Endpoint enable
The endpoint enable bit is set to a 1 by the MCU to enable the out endpoint.
6
ISO
Isochronous endpoint
The isochronous endpoint bit is set to a 1 by the MCU to specify the use of a
particular out endpoint for isochronous transactions. This bit should be cleared to a 0
by the MCU for a particular out endpoint to be used for control, interrupt, or bulk
transactions.
5
OVF
Overflow
The overflow bit is set to a 1 by the UBM to indicate a buffer overflow condition has
occurred. This bit is used for diagnostic purposes only and is not used for normal
operation. This bit can only be cleared to a 0 by the MCU.
4:0
BPS(4:0)
Bytes per sample
The bytes per sample bits are used to define the number of bytes per isochronous
data sample. In other words, the total number of bytes in an entire audio CODEC
frame. For example, a PCM 16-bit stereo audio data sample consists of 4 bytes.
There are two bytes of left channel data and two bytes of right channel data. For a
four channel system using 16-bit data, the total number of bytes would be 8, which
would be the isochronous data sample size.
00h = 1 byte,
01h = 2 bytes,
…,
1Fh = 32 bytes
A.4.4
USB In Endpoint Configuration Bytes
This section describes the individual bytes in the USB endpoint configuration blocks for the in endpoints. A set of 8
bytes is used for the control and operation of each USB in endpoint. In addition to the USB control endpoint, the
TUSB3200 supports up to a total of seven in endpoints.
A.4.4.1 USB In Endpoint – Y Buffer Data Count Byte (IEPDCNTYx)
The USB in endpoint Y buffer data count byte contains the 7-bit value used to specify the amount of data to be
transmitted in a data packet to the host PC. The no acknowledge status bit is also contained in this byte.
Bit
7
6
5
4
3
2
1
0
Mnemonic
NACK
DCNTY6
DCNTY5
DCNTY4
DCNTY3
DCNTY2
DCNTY1
DCNTY0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
NACK
No acknowledge
The no acknowledge status bit is set to a 1 by the UBM at the end of a successful
USB in transaction to this endpoint to indicate that the USB endpoint Y buffer is
empty. For control, interrupt, or bulk endpoints, when this bit is set to a 1, all
subsequent transactions to the endpoint will result in a NACK handshake response
to the host PC. Also for control, interrupt, and bulk endpoints, to enable this endpoint
to transmit another data packet to the Host PC, this bit must be cleared to a 0 by the
MCU. For isochronous endpoints, a NACK handshake response to the host PC is
not allowed. Therefore, the UBM ignores this bit in reference to sending the next
data packet. However, the MCU or DMA should clear this bit after writing a data
packet to the buffer.
6:0
DCNTY(6:0)
Y Buffer data count
The Y buffer data count value is set by the MCU or DMA when a new data packet is
written to the Y buffer for the in endpoint. The 7-bit value is set to the number of bytes
in the data packet for control, interrupt, or bulk endpoint transfers and is set to the
number of samples in the data packet for isochronous endpoint transfers. To
determine the number of samples in the data packet for isochronous transfers, the
bytes per sample value in the configuration byte is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com