Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 30Page - Renesas Technology Corp SH7264 Datasheet HTML 31Page - Renesas Technology Corp SH7264 Datasheet HTML 32Page - Renesas Technology Corp SH7264 Datasheet HTML 33Page - Renesas Technology Corp SH7264 Datasheet HTML 34Page - Renesas Technology Corp SH7264 Datasheet HTML 35Page - Renesas Technology Corp SH7264 Datasheet HTML 36Page - Renesas Technology Corp SH7264 Datasheet HTML 37Page - Renesas Technology Corp SH7264 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 34 of 45
3.16
Sample Program Listing "serial_flash.c" (13/19)
515
516
517
518
519
520
521
522
523
524
525
526
527
528
529
530
531
532
533
534
535
536
537
538
539
540
541
542
543
544
545
546
547
548
549
550
551
552
553
554
555
556
557
558
559
560
while(data_sz--){
while( RSPI0.SPSR.BIT.SPTEF == 0 ){
/* wait */
}
RSPI0.SPDR.BYTE = *data++;
if( RSPI0.SPSR.BIT.SPRF == 1 ){
tmp = RSPI0.SPDR.BYTE; /* Dummy read to avoid an overflow of data */
}
}
io_wait_tx_end();
/* Waits for transfer end */
/* ---- SPI transfer end (SSL negation) ---- */
RSPI0.SPCR.BIT.SPE = 0;
}
/*""FUNC COMMENT""**************************************************************
* ID
:
* Outline
: Execute command (With read data, byte transfer).
*------------------------------------------------------------------------------
* Include
:
*------------------------------------------------------------------------------
* Declaration
: static void io_cmd_exe_rdmode(unsigned char *ope, int ope_sz,
*
:
unsigned char *rd,
int rd_sz)
*------------------------------------------------------------------------------
* Description
: Executes the specified command.
*
: Transmits the argument ope, and then receives data in the argument rd.
*
: Transfer data in unit of bytes.
*
: Set one of the values between 0 and 8 in the ope_sz.
*
: More than 0 can be set in the rd_sz.
*------------------------------------------------------------------------------
* Argument
: unsigned char *ope ; I : Start address of the opcode block and
*
address block to transmit
*
: int ope_sz
; I : Number of bytes in the opcode block and
*
address block
*
: unsigned char *rd
; I : Buffer address to store the received data
*
: int rd_sz
; I : Number of bytes in the data block
*------------------------------------------------------------------------------
* Return Value : void
*------------------------------------------------------------------------------
* Note
: None
*""FUNC COMMENT END""**********************************************************/
static void io_cmd_exe_rdmode(unsigned char *ope, int ope_sz, unsigned char *rd, int rd_sz)
{
/* ==== Resets buffer ==== */
RSPI0.SPBFCR.BYTE
= 0xC0u;
RSPI0.SPBFCR.BYTE
= 0x00u;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com