Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 14Page - Renesas Technology Corp SH7264 Datasheet HTML 15Page - Renesas Technology Corp SH7264 Datasheet HTML 16Page - Renesas Technology Corp SH7264 Datasheet HTML 17Page - Renesas Technology Corp SH7264 Datasheet HTML 18Page - Renesas Technology Corp SH7264 Datasheet HTML 19Page - Renesas Technology Corp SH7264 Datasheet HTML 20Page - Renesas Technology Corp SH7264 Datasheet HTML 21Page - Renesas Technology Corp SH7264 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 18 of 45
2.4.3
Main Function
The figure below shows the flow chart of the main function in the sample program. The sample program writes data in the
entire memory array, and compares the written value to the read value.
Main function
Verify OK?
Yes
No
• To access serial flash memory, initialize the RSPI as
described in 2.4.1 RSPI Initialization Example.
Initialize the RSPI
• Unprotect serial flash memory using the Write Status
Register command (H'01).
Unprotect serial flash memory
Read one sector (64 KB) data from
serial flash memory
(note)
Display an error
Protect serial flash memory
• Execute the Read Array command (H'0B). As this command
reads the entire memory array continuously, the command
reads data in sectors in this application. Specify the access
width to the Data register (SPDR) in longword.
Write one page (256 bytes) data in
serial flash memory
• Execute the Byte/Page Program command (H'02). As the
Byte/Page program command cannot write data more than
the size of one page (256 bytes), continue to execute this
command to write in the entire memory array.
Writing in all
sectors
completed?
Yes
No
Compare the written data value with the
provided data
Erase the entire memory array
• Erase the entire memory array in serial flash memory using
the Chip Erase command (H'C7).
Generate one sector write data (64 KB)
Writing one sector
data completed?
No
Yes
Reading all sectors
completed?
Yes
No
Note: When using the DMA transfer, cache coherency must be maintained by software.
This sample program assigns the transfer destination buffer in cache-disabled space.
Figure 15 Main Function Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com