Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 3Page - Renesas Technology Corp SH7264 Datasheet HTML 4Page - Renesas Technology Corp SH7264 Datasheet HTML 5Page - Renesas Technology Corp SH7264 Datasheet HTML 6Page - Renesas Technology Corp SH7264 Datasheet HTML 7Page - Renesas Technology Corp SH7264 Datasheet HTML 8Page - Renesas Technology Corp SH7264 Datasheet HTML 9Page - Renesas Technology Corp SH7264 Datasheet HTML 10Page - Renesas Technology Corp SH7264 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 7 of 45
This section describes the MOSI transfer.
To extend the setup time, set the timing between the master output and slave input (latch data) as one cycle of the RSPCK.
As the serial flash memory used in this application latches data on the rising edge, the SH7264 must outputs data on the
preceding rising edge.
There are two combinations of options for bit setting as (CPOL = 1, CPHA =0) or (CPOL = 0, CPHA = 1) for the master to
output data on the rising edge. This example uses (CPOL = 1, CPHA = 0) for the following reason.
When setting the CPHA bit to 1, the master (SH7264) outputs the first data bit on the first RSPCK edge (on the rising edge
when the CPOL bit is 0), not upon asserting SSL signal. And the slave (serial flash memory) latches data on the first rising
edge. Therefore, when setting the CPOL bit to 0, and the CPHA bit to 1, the slave latches data when the master outputs the
first bit of data. This setting does not satisfy the setup condition.
When using the setting (CPOL =1, CPHA = 0), the master outputs the first data bit upon asserting SSL signal. There is more
than one cycle before the first rising edge of the RSPCK, the timing when the slave latches data. This setting satisfies the
setup condition. From the second data bit, the master outputs data on the rising edge of the RSPCK, and the slave latches
data on the next rising edge to satisfy the timing condition. The following figure shows the MOSI transfer timing when
setting (CPOL = 1, CPHA = 0).
SSL00
MOSI0
Master outputs the first data bit
RSPCK0
Set the RSPI as (CPOL = 1, CPHA = 0)
- Specify the RSPCK as 1 when idle
- Output data on the even edge
- Output the first data bit upon asserting SSL
Master outputs the
second data bit
The master must output data on rising edge of the RSPCK to
ensure one cycle before the timing when the slave latches data.
->Use the setting (CPOL = 1, CPHA = 0) or (CPOL = 0, CPHA = 1).
Serial flash memory latches
data on rising edge.
1
2
RSPCK
frequency
Set the RSPI as CPHA = 0 to
output data upon asserting
SSL.
Figure 4 Interface Timing on MOSI Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com