Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SH7264 Datasheet HTML 1Page - Renesas Technology Corp SH7264 Datasheet HTML 2Page - Renesas Technology Corp SH7264 Datasheet HTML 3Page - Renesas Technology Corp SH7264 Datasheet HTML 4Page - Renesas Technology Corp SH7264 Datasheet HTML 5Page - Renesas Technology Corp SH7264 Datasheet HTML 6Page - Renesas Technology Corp SH7264 Datasheet HTML 7Page - Renesas Technology Corp SH7264 Datasheet HTML 8Page - Renesas Technology Corp SH7264 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 4 of 45
Serial flash memory
AT26DF161A
2 MB
SH7264
RSPCK0
SCK (Serial Clock)
SI (Serial Data Input)
SSL00
WP# (Write Protect)
DIP
switches
3.3 V
CS# (Chip Select)
SO (Serial Data Output)
HOLD#
3.3 V
3.3 V
MOSI0
MISO0
3.3 V
3.3 V
3.3 V
Figure 1 Serial Flash Memory Circuit
Note: Pull-up or pull-down the control signal pins by the external resistor
To pull up or pull down the control signal pins, determine the signal line level not to cause the external device
malfunction when the MCU pin status is in high-impedance. SSL00 pin is pulled up by the external resistor to High-
level. Pull up or down the RSPCK0 and MOSI0 pins. As the MISO0 pin is an input pin, pull up or down it to avoid
floating to the midpoint voltage.
Table 2 Multiplexed Pins
SH7264 Port Control Register
Peripheral
Functions
Pin
Name
Register
Name
MD bit Setting
SH7264
Multiplexed Pin Name
RSPI
MISO0
PFCR3
PF12MD[2:0] = B'011
PF12/BS#/MISO0/TIOC3D/SPDIF_OUT
MOSI0
PFCR2
PF11MD[2:0] = B'011
PF11/A25/SSIDATA3/MOSI0/TIOC3C/SPDIF_IN
SSL00
PFCR2
PF10MD[2:0] = B'011
PF10/A24/SSIWS3/SSL00/TIOC3B/FCE#
RSPCK0
PFCR2
PF9MD[2:0] = B'011
PF9/A23/SSISCK3/RSPCK0/TIOC3A/FRB
Note: SH7264 Multiplexed Pins
MISO0, MOSI0, SSL00, and RSPCK0 pins are multiplexed, and set to general-purpose I/O ports as
default. Before accessing serial flash memory, use the general-purpose I/O port control register to set the
multiplexed pins to RSPI pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com