Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 10Page - Renesas Technology Corp SH7264 Datasheet HTML 11Page - Renesas Technology Corp SH7264 Datasheet HTML 12Page - Renesas Technology Corp SH7264 Datasheet HTML 13Page - Renesas Technology Corp SH7264 Datasheet HTML 14Page - Renesas Technology Corp SH7264 Datasheet HTML 15Page - Renesas Technology Corp SH7264 Datasheet HTML 16Page - Renesas Technology Corp SH7264 Datasheet HTML 17Page - Renesas Technology Corp SH7264 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 14 of 45
2.4.2
Command Transfer Example
The sample program supports two types of command, the Read command that uses both the master output and slave output,
and the Write command that uses the master output only. Figure 11 to Figure 13 show the flow charts of the read command
transfer. The access width when reading data is specified in longword (32-bit). Use the DMA transfer to store data in
memory.
Figure 14 shows the flow chart of the write command transfer. As the busy time is longer than the time to transfer
commands, the access width is specified in byte-wide in this example.
Read command transfer
Transferred
all commands?
Yes
No
• Transfer data (opcode and address bytes for the command sequence) output
by the master. Five bytes in total (opcode 0x0B, three bytes address, and
dummy byte) are transferred when the Read Array is issued.
• Command size must be equal or less than eight bytes to avoid the transmit
FIFO overflow.
Reset the transmit/receive buffers
Enable the SPI to transfer data
• Set the SPCR register (SPE bit = 1)
Function: Enable the RSPI
(This register enables the RSPI transfer function.)
• Set the SPBFCR register (SPBFCR = 0xC0, SPBFCR = 0x00)
Function: Reset the data in the transmit/receive buffers
(It should be cleared to 0 every time the data is written.)
Write command in the Data register
Wait for the transfer end
Reset the transmit/receive buffers
Extend the setup time for MOSI
direction (Master to Slave)
• Set the SPCMD register (CPOL bit = 1, CPHA bit = 0)
Functions:
(1) Specify the RSPCK when idling as 1
(2) Specify the RSPCK to output data on even edge
Extend the setup time for MISO
direction (Slave to Master)
• Set the SPCMD register (CPOL bit = 0, CPHA bit = 1)
Functions:
(1) Specify the RSPCK when idling as 0
(2) Latch data on odd edge
Extend the access width to longword
• Set the SPDCR register (SPLW bit = 3)
Function: Specify the access width to the SPDR register as 32-bit
• Set the SPCMD register (SPB bit = 3)
Function: Specify the transfer data length as 32-bit
B
Figure 11 Flow Chart of the Read Command Transfer (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com