Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 2Page - Renesas Technology Corp SH7264 Datasheet HTML 3Page - Renesas Technology Corp SH7264 Datasheet HTML 4Page - Renesas Technology Corp SH7264 Datasheet HTML 5Page - Renesas Technology Corp SH7264 Datasheet HTML 6Page - Renesas Technology Corp SH7264 Datasheet HTML 7Page - Renesas Technology Corp SH7264 Datasheet HTML 8Page - Renesas Technology Corp SH7264 Datasheet HTML 9Page - Renesas Technology Corp SH7264 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 6 of 45
2.3.2
Extending the Setup Time and the Access Width
This section describes RSPI setting and the interface timing when accessing serial flash memory in high-speed.
This example extends the setup time to one cycle, to specify the RSPCK as 36 MHz, and extends the access width to the
data register (SPDR) on data transfer to the longword-wide (32-bit). As this procedure requires a complex control, however,
it allows the SPI to transfer data efficiently.
(1)
Extending the Setup Time
The setup time by the typical control procedure described in 2.3.1 is less than half a cycle of the RSPCK. The SH7264 data
input setup time (tSU) is 15 ns at minimum. When setting the RSPCK frequency at 36 MHz at maximum (when the bus
clock is 72 MHz), the half cycle is approximately 13 ns at minimum. As it does not satisfy the timing condition, extend the
setup time to allow the RSPCK frequency at 36 MHz.
Following example describes how to extend the setup time when using the Read Array command.
The figure below shows the command sequence for the Read Array command (Opcode: H'0B). The former part of the
transfer is MOSI, the SH7264 (Master) outputs commands and addresses. The latter part of the transfer is MISO, the serial
flash memory (Master) outputs data. To extend the setup time, change CPOL and CPHA bits settings in the SPCMD register
in the former part and latter part of the transfer. Table 3 describes the CPOL bit and the CPHA bit.
SSL00
MOSI0
MISO0
MOSI transfer (Refer to Figure 4)
H'0B
addr1
addr2
addr3
dummy
data1
data2
data2
data n-1
data n
MISO transfer (Refer to Figures 5 and 6)
Figure 3 Command Sequence When Extending the Setup Time (Read Array Command)
Table 3 CPOL Bit and CPHA bit
Register Name
Bit
Bit Name
R/W
Description
1
CPOL
R/W
RSPCK Polarity Setting
Specifies the RSPCK polarity in master or slave mode. When
transferring/receiving data between the RSPI and the other module,
set the polarity of the RSPCK at the same level.
0: RSPCK = 0 when idle
1: RSPCK = 1 when idle
Command
register (SPCMD)
0
CPHA
R/W
RSPCK Phase Setting
Specifies the RSPCK phase in master or slave mode. When
transferring/receiving data between the RSPI and the other module,
set the phase of the RSPCK at the same level.
0: Latches the data on odd edge, and outputs data on even edge
1: Outputs data on odd edge, and latches on even edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com