Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SH7264 Datasheet HTML 1Page - Renesas Technology Corp SH7264 Datasheet HTML 2Page - Renesas Technology Corp SH7264 Datasheet HTML 3Page - Renesas Technology Corp SH7264 Datasheet HTML 4Page - Renesas Technology Corp SH7264 Datasheet HTML 5Page - Renesas Technology Corp SH7264 Datasheet HTML 6Page - Renesas Technology Corp SH7264 Datasheet HTML 7Page - Renesas Technology Corp SH7264 Datasheet HTML 8Page - Renesas Technology Corp SH7264 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 3 of 45
2.
Applications
Connect the SH7264 MCU (Master) with the SPI-compatible serial flash memory (Slave) for read/write access using the
Renesas Serial Peripheral Interface (RSPI). This application accesses serial flash memory in high-speed for large volume
data.
This chapter describes the pin connection example and flow charts of the sample program.
2.1
RSPI Operation
SH7264 RSPI supports full-duplex, synchronous, serial communications with peripheral devices in SPI operation using the
MOSI (Master Out Slave In), MISO (Master In Slave Out), SSL (Slave Select), and RSPCK (SPI Clock) pins.
The RSPI has the following features to support SPI-compliant devices:
• Master/slave modes
• Serial transfer clock with programmable polarity and phase (change SPI modes)
• Transfer bit length selectable (8-bit, 16-bit, and 32-bit)
The RSPI has two channels, channel 0 and channel 1; this application uses channel 0.
2.2
Serial Flash Memory Pin Connection
The following table lists the specifications of the SPI-compliant serial flash memory (AT26DF161A, ATMEL) used in this
application.
Table 1 Serial Flash Memory Specifications
Item
Description
SPI modes
Supports SPI modes 0 and 3
Clock frequency
70 MHz (at maximum)
Capacity
2 MB
Sector size
64 KB
Page size
256 bytes
Erase architecture
Chip Erase, 64 KB, 32 KB, 4 KB
Programming options
Byte/Page Program (1 to 256 bytes), Sequential Program
Protect feature
In sectors
Figure 1 shows an example of serial flash memory circuit. Set the SH7264 pin functions as shown in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com