| Electronic Components Datasheet Search |
|
SH7264 Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7264 Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 45 page ![]() SH7262/SH7264 Group High-speed Read/Write Serial Flash Memory Using the Renesas Serial Peripheral Interface REJ06B0889-0100/Rev.1.00 June 2009 Page 9 of 45 SSL00 MOSI0 RSPCK0 Set the RSPI as (CPOL=0, CPHA=1) - Set the RSPCK as 0 when idle - Latch data on even edge The master must latch data on the falling edge of the RSPCK to ensure one cycle after the timing when the slave outputs data. -> Use the setting (CPOL=1, CPHA = 0) or (CPOL = 0, CPHA = 1). MISO0 CPOL = 0 setting changes the RSPCK polarity. Slave outputs the first data bit Slave outputs the second data bit Master outputs the last data bit Serial flash memory outputs data on the falling edge, just after commands are input 2 1 RSPCK frequency The timing when the master latches the first data bit Figure 6 Interface Timing on MISO Transfer (CPOL and CPHA bits are changed) Figure 7 shows the interface timing when extending the setup time. Table 4 and Table 5 list the timing conditions for serial flash memory and the SH7264. Set the RSPI to satisfy these conditions. SSL00 RSPCK0 MOSI0 MISO0 tsu tH txxx : Timing conditions for serial flash memory tDH tDS tOD tLEAD tCSLS tCSLH tLAG tTD tCSH : Timing for latching data fSCK tV tOH tOH tSPcyc MOSI transfer MISO transfer Figure 7 Interface Timing When Extending the Setup Time |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |