| Electronic Components Datasheet Search |
|
SH7264 Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7264 Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 45 page ![]() SH7262/SH7264 Group High-speed Read/Write Serial Flash Memory Using the Renesas Serial Peripheral Interface REJ06B0889-0100/Rev.1.00 June 2009 Page 10 of 45 Table 4 Timing Conditions for Serial Flash Memory When Extending the Setup Time Symbol Item Description Related registers tCSLS Chip Select Low Setup Time Time required for the slave to latch data from asserting SSL to the RSPCK rising. The following formula must be fulfilled: tLEAD (=RSPCK delay) + 1/2 x tSPcyc > tCSLS (min) SPCKD register SPCMD register tCSH Chip Select High Time Time required for SSL negation. The following formula must be fulfilled: tTD (=2 x Bφ + next access delay) > tCSH (min) SPND register SPCMD register fSCK Serial Clock Frequency The maximum operating frequency supported by the slave. The following formula must be fulfilled: fSCK(max) > 1/ tSPcyc SPBR register SPCMD register tCSLH Chip select Low Hold Time Hold time required from the last RSPCK rising to the SSL negation. The following formula must be fulfilled: tLAG (=SSL negation delay) + 1/2 tSPcyc > tCSLH (min) SSLND register SPCMD register tDS Data Input Setup Time Time required for the master from outputting data to latching data. The following formula must be fulfilled: tSPcyc – tOD(max) > tDS (min) tDH Data Input Hold Time Time required for the master from latching data to stop the data output. The following formula must be fulfilled: tOH(min) > tDH (min) Table 5 Timing Conditions for the SH7264 MCU when Extending the Setup Time Symbol Item Description Related registers tSU Data Input Setup Time Time required for the slave from outputting data to latching data. The following formula must be fulfilled: tSPcyc – tV (max) > tSU (min) tH Data Input Hold Time Time required for the slave from latching data to stop the data output. The following formula must be fulfilled: tOH(min) > tH(min) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |