Electronic Components Datasheet Search
  English  ▼

X  

SH7264 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SH7264 Datasheet HTML 7Page - Renesas Technology Corp SH7264 Datasheet HTML 8Page - Renesas Technology Corp SH7264 Datasheet HTML 9Page - Renesas Technology Corp SH7264 Datasheet HTML 10Page - Renesas Technology Corp SH7264 Datasheet HTML 11Page - Renesas Technology Corp SH7264 Datasheet HTML 12Page - Renesas Technology Corp SH7264 Datasheet HTML 13Page - Renesas Technology Corp SH7264 Datasheet HTML 14Page - Renesas Technology Corp SH7264 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 11 of 45
(2)
Extending the Access Width
Specifying the longword-wide access to the Data register (SPDR) reduces the number of times to insert waits (RSPCK
delay, SSL negation delay, the next access delay) before and after the transfer to transfer data effectively.
When issuing the read command (Opcode: H'0B), the number of bytes output by master (command, address, and dummy
data) is five. Therefore, the master outputs and transfers data in byte-wide length, and the slave outputs and transfers data in
longword-wide length. The figure below shows an example of the command sequence of the extended access width.
SSL00
RSPCK0
MOSI0
MISO0
H'0B
addr1
addr2
addr3
dummy
data1
data2
data3
data4
data n
data5
tLEAD
(tLEAD + tLAG + tTD)
(tLEAD + tLAG + tTD)
tLAG
CPOL=1, CPHA=0
Byte-wide access
CPOL = 0, CPHA = 1
Longword-wide access
Figure 8 Command Sequence for Longword-wide Access (Opcode: H'0B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com