Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 46 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 46 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 49Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 50Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
46
REV. 1.0 3/26/03
Control Register Definitions (continued)
DAC Control Register (0x11)
76543210
DRSSEL
OFMT
COMP2DB
SINEN
REFSEL
LUMDIS
CHRMDIS
BURSTDIS
Reg
Bit
Name
Description
11
7
DRSSEL
DRS Selection.
When DRSSEL is HIGH, PD[7:0] is routed to the DRS detection block.
When DRSSEL is LOW, CVBS[9:2] is routed to the DRS detection block.
11
6
OFMT
Component Data Formatting.
When OFMT is LOW, the MSB’s of blue and red component data paths are
inverted to center the data around a D\A code of 512.
11
5
COMP2DB.
Composite 2 Overflow Control.
When COMP2DB is HIGH, the digital range of the composite sumer is 0 to
2047 with half the digital resolution. When COMP2DB is LOW, the digital
output of the composite summer is 0 to 1023, all values exceeding 1023 or
below 0 are clipped.
11
4
SINEN
X/Sine(X) Filter Enable.
When SINEN is LOW, the X/Sin(X) filter is bypassed.
When SINEN is HIGH, the X/Sin(X) filter is used to compensate for the
DAC roll-off at high frequencies.
11
3
REFSEL
Reference DAC Output Selection.
When REFSEL is LOW, a composite sync is the output of the REFDAC.
When REFSEL is HIGH, a reference level equal to the DAC1’s midpoint is
the output of the REFDAC.
11
2
LUMDIS
Luma Disable.
When LUMDIS is LOW, the luminance data on the composite data path is
enabled. When LUMDIS is HIGH, the luminance data on the composite
data path is disabled.
11
1
CHRMDIS
Chroma Disable.
When CHRMDIS is LOW, the chrominance data on the composite data
path is enabled. When CHRMDIS is HIGH, the chrominance data on the
composite data path is disabled.
11
0
BURSTDIS
Burst Disable.
When BURSTDIS is LOW, the burst is enabled.
When BURSTDIS is HIGH, the burst is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com