Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 38 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 38 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 42Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
38
REV. 1.0 3/26/03
Control Register Definitions (continued)
Part Identification Register (0x02)
76543210
PARTID0
Reg
Bit
Name
Description
02
7-0
PARTID0
(Read Only) 0x93
Revision Identification Register (0x03)
76543210
REVID0
Reg
Bit
Name
Description
03
7-0
REVID0
Reads back the revision number of the part.
Gamma Filters Register (0x04)
76543210
GAMENG
GAMENC
GAMSELG
GAMSELC
SRESET
SKEN
PDRM
Reg
Bit
Name
Description
04
7
GAMENG
Gamma Filter Enable – Green.
When is GAMENG is LOW, gamma filter on the Green path is bypassed.
When is GAMENG is HIGH, gamma filter on the Green path is enabled.
04
6
GAMENC
Gamma Filter Enable – Blue Red.
When GAMENC is LOW, gamma filter on the Blue and Red path is
bypassed. When GAMENC is HIGH, gamma filter on the Blue and Red path
is enabled.
04
5
GAMSELG
Gamma Filter Selection – Green.
When GAMSELG is LOW, Green = (Green)1/2.8
When GAMSELG is HIGH, Green = (Green) 1/2.2
04
4
GAMSELC
Gamma Filter Selection – Blue Red.
When GAMSELC is LOW, Blue = (Blue)1/2.8, Red = (Red)1/2.8
When GAMSELC is HIGH, Blue = (Blue) 1/2.2,Red = (Red)1/2.2
04
3
SRESET
Software RESET.
When LOW, resets internal state machines and disables outputs.
When HIGH, state machines are active and outputs are enabled.
04
2
SKEN
Data KEY Enable.
When SKEN is LOW, Data keying is disabled.
When SKEN is HIGH, Data keying is enabled.
04
1-0
PDRM
Pixel Data Ramping Mode. Pixel Data weighting for the rising edge of
active video.
NTSC:
0
0
1/8
1/2
7/8
1
1
PAL:
0
1/8
3/8
5/8
7/8
1
1
00
Pixels are weighted on the edge.
01
Sample and hold the 5th pixel for the slope weighting
1X
Hard switch
000111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com