Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 58 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 58 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 54Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 55Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 56Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 57Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 58Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 59Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 60Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 62Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
58
REV. 1.0 3/26/03
Control Register Definitions (continued)
Color Space Matrix Register (0x3F)
76543210
SEL_CLK
RGB_CLIP
GAUSS_BYP
SEL_PIX
C2DB_OFF
NMEH
CSMFMT
Reg
Bit
Name
Description
3F
7
SEL_PIX
DCVBS Output Selection.
When SEL_PIX is HIGH, the interpolated pixel data is selected as the
output for the DCVBS port. When SEL_PIX is LOW, the non-interpolated
pixel data is selected as the output for the DCVBS port.
3F
6
RGB_CLIP
RGB Limit Control.
When RGB_CLIP is LOW, the RGB outputs are not limited.
When RGB_CLIP is HIGH, the RGB outputs are limited to a range of 256 to
1023 at the DAC outputs.
3F
5
GAUSS_BYP
Gaussian Bypass Select.
When GAUSS_BYP is LOW, the gaussian filter is enabled.
When GAUSS_BYP is HIGH, the gaussian filter is bypassed.
3F
4
SEL_CLK
DCVBS Clock Select.
When SEL_CLK is LOW, the DCVBS output is clocked at the PXCK.
When SEL_CLK is HIGH, the DCVBS output is clocked at the PCK.
3F
3
C2DB_OFF
COMP2DB Offset Selection.
When C2DB_OFF is HIGH an offset of 256 is added to the COMP2 output
allowing the chrominance data that extends below the sync level to be
passed through the outputs.
3F
2
NMEH
NTSC-M Component Enhancement.
When NMEH is LOW, the CSM performs the normal rounding operation on
multipliers 8, 9 , and 10. When NMEH is HIGH, the CSM extends the
number of rounding bits on multipliers 8, 9, and 10. This is recommended if
the input source is YCBCR and the component output is RGB.
3F
1-0
CSMFMT
Color Space Matrix Configuration.
CSMFMT
Input
Component Output
00
YCBCR
YPBPR
01
YCBCR
RGB
10
RGB
YPBPR
11
RGB
RGB
Subcarrier Register (0x40)
76543210
FREQL
Reg
Bit
Name
Description
40
7-0
FREQL
Subcarrier Frequency.
Bits 7-0 of the subcarrier frequency FREQL[31:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com