Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
13
Blanking Control
Control Registers for this section
The content of VBIENFx[4:0] selects the first line to contain
an active video region in each field, all subsequent lines for
the remainder of the field are active. To blank an entire field,
the user zeroes the VBIENFx[4:0] control register. In
CCIR656 slave mode, the user can selectively blank any
enabled line by setting its TRS V bit HIGH. For 525-line
systems, NTSC line numbering is employed, with the first
vertical serration starting on line 4. PAL line numbering is
used with 625-line systems, with each field's line 1 being the
start of the first vertical serration.
Any line(s) enabled by the closed caption control are auto-
matically unblanked for the closed caption waveform, irre-
spective of the corresponding values of VBIENF.
Pixel Data Control
The pixel data control has two modes of operation, as an
input or as an output. The mode of operation is determined
by the PDCDIR control register. When PDC is an input the
internally generated PDC is ANDed with the PDC pin. This
allows the user to blank any active video regions. When PDC
is an output, the internally generated PDC is the output for
the PDC pin.
The internal PDC control will toggle to a logic HIGH at the
pixel specified by PDCNT and toggle to a logic LOW four
pixels prior to the end of the active video region. The starting
point and ending point of the active video region (VA) are
determined by the control registers 10h to 1Fh. When PDC is
used as an input, the sloped edge of the active video region
will occur on the next four pixels following the toggle point.
Edge Shaping
The TMC2193 has three modes of sloped edges on the active
video region and are controlled by PDRM control register.
Address
Bit(s)
Name
0x04
1-0
PDRM
0x06
2
PDCDIR
0x18
4-0
VBIENF1
0x19
4-0
VBIENF2
0x1F
7-0
PDCCNT
Table 6. PDC Edge Control
PDRM[1:0]
Slope type at PDC (HIGH)
Slope type at PDC (LOW)
00
The following four pixels have the weighting of
1/8, 1/2, 7/8 and 1 for NTSC and 1/8, 3/8, 5/8,
and 7/8 for PAL.
The following four pixels have the weighting of
1, 7/8, 1/2, and 1/8 for NTSC and 7/8, 5/8, 3/8,
and 1/8 for PAL.
01
The fifth pixel is sampled and scaled 1/8, 1/2,
7/8 and 1 over the next four pixels for NTSC
and 1/8, 3/8, 5/8, and 7/8 over the next four
pixels for PAL.
The fifth pixel is sampled and scaled 1, 7/8,
1/2 and 1/8 over the next four pixels for NTSC
and 7/8, 5/8, 3/8, and 1/8 over the next four
pixels for PAL.
1x
Slope is off, edge control is dictated by the PD
stream from active video start
Slope is off, edge control is dictated by the PD
stream to active video end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com