Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 30 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 30 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 34Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
30
REV. 1.0 3/26/03
Layering Engine
Control Registers for this section
The TMC2193 features a robust layering engine with three
possible input layers controlled by two keying controls. The
layer assignments are shown in Table 22, along with the key-
ing control. The keying controls, KEY pin or OL4-0 are
aligned with the incoming pixel data stream and are then
delayed throughout the chip to be continuously aligned with
the input video streams. A generic overview of the keying
and layering features is shown in Figure 21.
Figure 21. Layering Engine
Overlay Mixer
The OL[4:0] bus provides the ability to overlay 30 different
24 bit values onto the pixel data path. The 24 bit overlay col-
ors must be the same format as the incoming Pixel data. For
Y,Cb,Cr input formats the range of Y values spans the entire
range of the format, 1 to 254, this enables super whites and
super blacks in the overlay palette.
When OL[4:0] is equal to 00h the pixel data port to be the
output of the overlay mixer. If OL[4:0] is in the range of 1 to
31 then the output source is one of 30 possible overlay col-
ors, see Table 22. Overlay Address Map. When OL4-0 equal
to 16, the overlay mixer produces a pixel data output with
half the luminance magnitude and chrominance magnitude.
Any OL4-0 value greater than 16 will result in a overlay mix
with a full amplitude overlay and the pixel data with half
amplitude pixel data (PD) or half amplitude CVBS data as its
values. This allows for transparent overlays or produce
shadow boxes around overlaid text.
The midpoint of the rising and falling edges on the mixed
output is determined by the transition of the OL[4:0] pins in
Address
Bit(s)
Name
0x04
2
SKEN
0x05
3-2
OMIX
0x07
6
SKFLIP
0x09
7
HKEN
0x09
6
BUKEN
0x09
5
SKEXT
0x09
4
DKDIS
0x09
3
EKDIS
0x09
2
FKDIS
0x09
1-0
LAYMODE
0x0A
7-0
DKEYMAX
0x0B
7-0
DKEYMIN
0x0C
7-0
EKEYMAX
0x0D
7-0
EKEYMIN
0x0E
7-0
FKEYMAX
0x0F
7-0
FKEYMIN
Address
Bit(s)
Name
Table 22. Layering and Keying Modes
LAYMODE
BACKGROUND
MIDGROUND
FOREGROUND
Image Source
Image Source
Keying Control
Image Source
Keying Control
0
PD
OVERLAY
OL4-0
CVBS
KEY or Data Key
1
PD
CVBS
KEY or Data Key
OVERLAY
OL4-0
2
CVBS
OVERLAY
OL4-0
PD
KEY or Data Key
3
CVBS
PD
KEY or Data Key
OVERLAY
OL4-0
PD
DATA KEY
KEY
OVERLAY
MIXER
OLUT
OL4-0
KEYING
MIXER
CVBS
PD
YC
dT
dT
dT
dT
dT
dT
dT
COMP2
LOGIC
LOGIC
1/2AMP
65-6294-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com