Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 24 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 24 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 20Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 25Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 28Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
TMC2193
PRODUCT SPECIFICATION
24
REV. 1.0 3/26/03
Subcarrier Synchronization
There are 5 modes of subcarrier synchronization in the
TMC2193, freerun, subcarrier reset, Genlock, DRS-lock and
Ancillary Data Control (ANC).
•
Freerun
At the rising edge of RESET the DDS starts to generate the
subcarrier reference and will continue to freerun the subcar-
rier. When setting the control register DDSRST is HIGH, the
TMC2193 will reset the DDS to the SYSPH value on the
next field 1, line 1 (line 4 for NTSC), pixel 1 occurrence and
will reset this bit to be LOW. This allows the encoder to start
with the correct SCH relationship. The phase of the subcar-
rier reference will drift over time since a 32 bit accumulator
has a error of
±0.5 Hz when generating the subcarrier refer-
ence for NTSC 13.5 MHz.
•
Subcarrier Reset
At the rising edge of RESET the DDS starts to generate the
subcarrier reference and will reset the DDS to the SYSPH
value every field 1, line 1 (line 4 for NTSC), pixel 1 occur-
rence. This enables the encoder to maintain the proper SCH
relationship.
•
Genlock
The Genlock mode allows the TMC2193 to lock to a com-
posite reference when used in conjunction with the
TMC22071A Genlocking Video Digitizer. The TMC22071A
produces a genlock reference signal (GRS) which contains
field identification, PALODD status, relative phase and rela-
tive frequency of the composite reference. The GRS is sam-
pled on the CVBS bus 60 PXCK’s after the falling edge of
HSIN. The phase and frequency values are used to update
the DDS on a line to line basis, thus synchronizing the sub-
carrier to an external composite reference.
•
DRS-Lock
The DRS-Lock mode allows the TMC2193 to lock its com-
posite output to the decoded composite or S-video input of
the TMC22x5y. The TMC22x5y produces a decoder refer-
ence signal (DRS) which contains field identification, PAL-
ODD status, relative phase and relative frequency of the
composite or S-video input. The DRS is sampled on either
the CVBS bus or the PD port, depending on DRSSEL, 60
PXCK’s after the falling edge of HSIN. The phase and fre-
quency values are used to update the DDS on a line to line
basis, thus synchronizing the subcarrier to an external com-
posite reference.
•
Ancillary Data Control (ANC)
Subcarrier synchronization in ANC mode is covered in the
Ancillary Data Control section of this data sheet.
SCH Phase Error Correction
SCH refers to the timing relationship between the 50% point
of the leading edge of horizontal sync and the positive or
negative zero-crossing of the color burst subcarrier refer-
ence. SCH error is usually expressed in degrees of subcarrier
phase. In PAL, SCH is defined for line 1 of field 1, but since
there is no color burst on line 1, SCH is usually measured at
line 7 of field 1. The need to specify SCH relative to a partic-
ular line in PAL is due to the 25 Hz offset of PAL subcarrier
frequency. Since NTSC has no such 25 Hz offset, SCH
applies to all lines.
The SCH relationship is important in the TMC2193 when
two video sources are being combined or if the composite
video output is externally combined with another video
source. In these cases, improper SCH phasing will result in a
noticeable horizontal jump of one image with respect to
another and/or a change in hue proportional to the SCH error
between the two sources.
SCH phasing can be adjusted by modifying BURPH and
SYSPH values by equal amounts. SCH is advanced/delayed
by one degree by increasing/decreasing the value of BURPH
and SYSPH by approximately B6h. An SCH error of 15
o is
corrected with SYSPH and BURPH offsets of AAAh.
Table 14. Standard Subcarrier Parameters
Standard
Field
Rate
(Hz)
Horizontal
Freq.
(kHz)
Pixel
Rate
(Mpps)
PXCK
Freq.
(MHz)
Subcarrier
Freq.
(MHz)
Subcarrier Register (hex)
BURPHM BURPHL
SYSPHM
SYSPHL
FREQM
FREQ2 FREQ3 FREQL
47
46
45
44
43
42
41
40
NTSC sqr. pixel
59.94
15.734266
12.27
24.54
3.57954500
00
00
00
00
4A
AA
AA
AB
NTSC CCIR-601
59.94
15.734266
13.50
27.00
3.57954500
00
00
00
00
43
E0
F8
3E
NTSC 4x FSC
59.94
15.734266
14.32
28.64
3.57954500
00
00
00
00
40
00
00
00
PAL sqr. pixel
50.00
15.625000
14.75
29.50
4.43361875
00
00
00
00
4C
F3
18
19
PAL CCIR-601
50.00
15.625000
13.50
27.00
4.43361875
00
00
00
00
54
13
15
96
PAL 15 Mpps
50.00
15.625000
15.00
30.00
4.43361875
00
00
00
00
4B
AA
C6
A1
PAL-M sqr.pixel
60.00
15.750000
12.50
25.01
3.57561149
00
00
00
00
49
45
00
51
PAL-M CCIR-601
60.00
15,750000
13.50
27.00
3.57561149
00
00
00
00
43
DF
3F
D7
PAL-M 4x FSC
60.00
15,750000
14.30
28.60
3.57561149
00
00
00
00
40
10
66
F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com