| Electronic Components Datasheet Search |
|
TMC2193KJC Datasheet(PDF) 34 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2193KJC Datasheet(HTML) 34 Page - Cadeka Microcircuits LLC. |
|
34 / 72 page ![]() TMC2193 PRODUCT SPECIFICATION 34 REV. 1.0 3/26/03 sequence simply do not acknowledge (NOACK) the last byte received and the TMC2193 will terminate the sequence. A repeated start signal occurs when the master device driv- ing the serial interface generates a start signal without first generating a stop signal to terminate the current communica- tion. This is used to change the mode of communication (read, write) between the slave and master without releasing the serial interface lines. Figure 27. Serial Interface – Typical Byte Transfer Figure 28. Serial Interface – Chip Address Serial Interface Read/Write Examples Write to one control register • Start signal • Slave Address byte (R/W bit = LOW) • Block Pointer (00) • Offset Pointer • Data byte to base address • Stop signal Write to four consecutive control registers • Start signal • Slave Address byte (R/W bit = LOW) • Block Pointer (00) • Offset Pointer • Data byte to base address • Data byte to (base address + 1) • Data byte to (base address + 2) • Data byte to (base address + 3) • Stop signal Write to one OLUT location • Start signal • Slave Address byte (R/W bit = LOW) • Block Pointer (01) • Offset Pointer (base address) • Data byte to base address (Y or Green) • Data byte to base address (Cb or Blue) • Data byte to base address (Cr or Red) • Stop signal Write to four consecutive OLUT locations • Start signal • Slave Address byte (R/W bit = LOW) • Block Pointer (01) • Offset Pointer (base address) • Data byte to base address (Y or Green) • Data byte to base address (Cb or Blue) • Data byte to base address (Cr or Red) • Data byte to base address +1 (Y or Green) • Data byte to base address +1 (Cb or Blue) • Data byte to base address +1 (Cr or Red) • Data byte to base address +2 (Y or Green) • Data byte to base address +2 (Cb or Blue) • Data byte to base address +2 (Cr or Red) • Data byte to base address +3 (Y or Green) • Data byte to base address +3 (Cb or Blue) • Data byte to base address +3 (Cr or Red) • Stop signal Read from one control register • Start signal • Slave Address byte (R/W bit = LOW) • Block Pointer (00) • Offset Pointer • Stop signal • Start signal • Slave Address byte (R/W bit = HIGH) • Data byte from base address •NOACK SDA 65-6294-29 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 ACK SCL SDA 65-6294-30 A6 A5 A4 A3 A2 SA1 SA0 R/W ACK SCL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |