Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 17Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 18Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 19Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
15
Figure 9. Horizontal Timing
Vertical interval timing is also fully programmable, and is
established by loading the timing registers with the dura-
tion’s of each vertical timing element, the duration expressed
in PCK clock cycles. In this way as with horizontal program-
ming, any pixel rate between 10 and 15 Mpps can be accom-
modated, and any desired standard or non-standard vertical
video timing may be produced.
Like horizontal timing parameters, vertical timing parame-
ters are calculated as follows:
t = N x ( PCK period )
= N x ( 2 x PXCK period )
where N is the value loaded into the appropriate timing reg-
ister, and PCK is the pixel clock period.
The vertical interval comprises several different line types
based upon H, the Horizontal line time.
H = (2 x SL) + (2 x SH) [Vertical sync pulses]
= (2 x EL) + (2 x EH) [Equalization pulses]
Figure 10. Horizontal Timing – Vertical Blanking
The VB and VC control registers are added to produce the
half-lines needed in the vertical interval at the beginning and
end of some fields. These must properly mate with compo-
nents of the normal lines.
BR
BU
CBP
VA
FP
65-6294-10
SY
Table 8. Horizontal Timing Specifications
Parameter
NTSC-M
(
µs)
PAL-I
(
µs)
PAL-M
(
µs)
FP
1.5
1.65
1.9
SY
4.7
4.7
4.95
BR
0.6
0.9
0.9
BU
2.5
2.25
2.25
CBP
1.6
2.55
1.8
VA
52.6556
51.95
51.692
H
63.5556
64.0
63.492
EL
H/2
H
EH
SL
SH
65-6294-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com