Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 25 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 25 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 21Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 22Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 23Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 24Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 25Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 29Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
25
Burst Envelope
The TMC2193 includes the ability to adjust the burst ampli-
tude and the shape of the burst. The Control Registers
BRSTFULL, BRST1 and BRST2 hold the magnitude of the
burst vector. BRSTFULL is the maximum amplitude of the
burst vector. BRST1 and BRST2 determine the intermediate
values of the burst vector for the burst envelope shaping. A 5
pixel burst envelope shaping occurs at the rising and falling
edges of burst. At the rising edge of burst the next 5 pixels
have the following weighting; BRSTFULL – BRST1,
BRSTFULL – BRST2, BRSTFULL/2, BRST2, and BRST1.
At the falling edge of burst the next 5 pixels have the follow-
ing weighting; BRST1, BRST2, BRSTFULL/2, BRSTFULL
– BRST2, and BRSTFULL – BRST1. With this flexibility
the user determine the shape, amplitude and width of the
burst signal.
Figure 16. Burst Envelope
Color-Difference Low-Pass Filters
The chrominance portion of a composite video signal must
be sufficiently bandlimited to avoid cross-color and cross-
luminance distortion, and to preclude exceeding the allow-
able bandwidth of a video channel.
The color-difference low-pass filters on the TMC2193
establish chrominance bandwidths which meet the specifica-
tions outlined in CCIR Report 624-3, Table II, Item 2.6, for
system I over a range of pixel rates from 12.27 Mpps to
14.75 Mpps. Equal bandwidth is established for both color-
difference channels.
Figure 17. Gaussian Filter Response
Sync and Pedestal Insertion
Control Registers for this section
Pedestal Enable
The TMC2193 has the ability to independently select lines
for pedestal insertion during the vertical blanking interval
(VBI). For 525-line systems and using the NTSC line num-
bering convention, in which the first vertical serration is on
line 4 for field 1 and line 266 for field 2, the vertical interval
lines map to the control registers VBIPEDxy as shown in
Table 15.
BRSTFULL
BRST1
BRST2
BRSTFULL/2
BRSTFULL - BRST2
BRSTFULL - BRST1
BLANK
BU
65-6294-18
Address
Bit(s)
Name
0x06
7-6
MODE
0x10
1-0
OUTMODE
0x11
5
COMP2DB
0x14
7-0
VBIPEDEM
0x15
7-0
VBIPEDEL
0x16
7-0
VBIPEDOM
0x17
7-0
VBIPENOL
0x1A
6-0
PEDHGT1
0x3F
3
C2DB_OFF
0x4B
7-0
NMBD
0x4B
7-4
PEDHGT2
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (Pixel rate)
Table 15. Line by Line Pedestal Enable
Bit
76543210
VBIPEDEL
17
16
15
14
13
12
11
10
VBIPEDEM
25*
24
23
22
21
20
19
18
VBIPEDOL
279
278
277
276
275
274
273
VBIPEDOM
287*
286
285
284
283
282
281
280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com