Electronic Components Datasheet Search
  English  ▼

X  

TMC2193KJC Datasheet(PDF) 37 Page - Cadeka Microcircuits LLC.

Part # TMC2193KJC
Description  10 Bit Encoder
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2193KJC Datasheet(HTML) 37 Page - Cadeka Microcircuits LLC.

Back Button TMC2193KJC Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 34Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 35Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 36Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 37Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 38Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 39Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 40Page - Cadeka Microcircuits LLC. TMC2193KJC Datasheet HTML 41Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
PRODUCT SPECIFICATION
TMC2193
REV. 1.0 3/26/03
37
Note:
1. For each register listed above, all bits not specified are
reserved and should be set to logic LOW to ensure proper
operation.
42
7-0
FREQ2
Subcarrier Frequency
43
7-0
FREQM
Subcarrier Frequency
44
7-0
SYSPHL
System Phase
45
7-0
SYSPHM
System Phase
46
7-0
BURPHL
Burst Phase
47
7-0
BURPHM
Burst Phase
48
7-0
BRSTFULL
Burst Height – Maximum
Amplitude
49
7-0
BRST1
Burst Height – 1st Intermediate
Value
4A
7-0
BRST2
Burst Height – 2nd Intermediate
Value
Pedestal Height Register
4B
7
NBMD
Component Blank and Sync
Level Selection
4B
6-0
PEDHGT2
Component Pedestal Height
Table 26. Control Register Map (continued)
Reg Bit
Mnemonic
Function
3C
7-4
MCF5M
Matrix Coefficient #5
3C
3
Reserved
Set to 0.
3C
2-0
MCF6M
Matrix Coefficient #6
3D
7-4
MCF7M
Matrix Coefficient #7
3D
3-0
MCF8M
Matrix Coefficient #8
3E
7-4
MCF9M
Matrix Coefficient #9
3E
3-0
MCF10M
Matrix Coefficient #10
3F
7
SEL_CLK
DCVBS Clock Select
3F
6
RGB_CLIP
RGB Limit Control
3F
5
GAUSS_BVP
Gaussian Bypass Select
3F
4
SEL_PIX
DCVBS Output Selection
3F
3
C2DB_OFF
COMP2DB Offset Selection
3F
2
NMEH
NTSC-M Component
Enhancement
3F
1-0
CSMFMT
Color Space Matrix
Configuration
Subcarrier Registers
40
7-0
FREQL
Subcarrier Frequency
41
7-0
FREQ3
Subcarrier Frequency
Table 26. Control Register Map (continued)
Reg Bit
Mnemonic
Function
Control Register Definitions
Part Identification Register (0x00)
76543210
PARTID2
Reg
Bit
Name
Description
00
7-0
PARTID2
(Read Only) 0x97
Part Identification Register (0x01)
76543210
PARTID1
Reg
Bit
Name
Description
01
7-0
PARTID1
(Read Only) 0x21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com