Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 7 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PI2122 Datasheet HTML 3Page - Vicor Corporation PI2122 Datasheet HTML 4Page - Vicor Corporation PI2122 Datasheet HTML 5Page - Vicor Corporation PI2122 Datasheet HTML 6Page - Vicor Corporation PI2122 Datasheet HTML 7Page - Vicor Corporation PI2122 Datasheet HTML 8Page - Vicor Corporation PI2122 Datasheet HTML 9Page - Vicor Corporation PI2122 Datasheet HTML 10Page - Vicor Corporation PI2122 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 7 of 19
without entering the OCT mode. The pin can be
grounded to provide a low duty cycle mode or pulled
to VC for lower gate current to drive highly capacitive
loads with resulting higher duty cycle mode under
the fault condition. In either case if the resulting
temperature rise of the MOSFET and controller
reach thermal shutdown the thermal time constant of
the package will set a low frequency burst like duty
cycle condition and protect the MOSFETs.
OV:
The Overvoltage (OV) input trip point can be
programmed through an external resistive divider to
monitor the input voltage.
The OV comparator
initiates a fault condition and pulls the FT
pin low
when OV rises above the Overvoltage Rising
Threshold. The PI2122 will turn the MOSFETs off if
the OV and the Forward Current conditions are both
true.
The low resistance redundant paths of an
Active ORing system tend to force all the input
sources to the same voltage making it difficult to
identify the noncompliant source. By ANDing OV
with
the
Forward
Current
Threshold
the
noncompliant source is identified and disconnected
from the system.
Over-Temperature Detection:
The internal Over-Temperature block monitors the
junction temperature of the controller. The Over-
Temperature threshold is set to 145
°C with -10°C of
hysteresis.
When the controller temperature
exceeds this threshold, the Over-Temperature circuit
turns the MOSFETs off and initiates a fault condition
and pulls the FT pin low. This function will protect
the MOSFETs from thermal runaway conditions.
Fault:
The fault circuit output is an open collector with 40μs
delay to prevent any false triggering. The FT pin
will be pulled low when any of the following faults
occurs:
Figure 4: OCT Off time vs. OCT capacitor value
•
Reverse Current
VC and Internal Voltage Regulator:
The PI2122 has a separate input (VC) that provides
power to the control circuitry and the internal gate
driver. An internal regulator clamps the VC voltage
to 15.5V.
•
Forward Over-Current “AND” clamp detector is
cleared
•
Forward Low Current “AND” clamp detector is
cleared
•
Over Temperature
For high side applications, the VC input should be
4V above the bus voltage to properly enhance the
internal N-channel MOSFET.
•
Input Under-Voltage
•
Input Over-Voltage “AND” nominal Forward
Current
The internal regulator circuit has a comparator to
monitor VC voltage and initiates a FAULT condition
when VC is lower than the VC Under-Voltage
Threshold.
•
VC pin Under-Voltage
The Forward Current fault condition occurs when the
MOSFETs gates are high but are not conducting a
significant level of forward current or may indicate
the MOSFETs are shorted either internally or
externally (VD1-D2 < 5mV).
UV:
The Under Voltage (UV) input trip point can be
programmed through an external resistive divider to
monitor the input voltage. When UV falls below the
Under-Voltage Falling Threshold, UV comparator
initiates a fault condition and pulls the FT pin low
and turns off the MOSFETs.
A gate voltage detector prevents FOC or FWD from
initiating a fault when the MOSFET is in an OFF
condition.
The gate to SN voltage has to reach sufficient
voltage to establish the Rds(on) condition before
these faults are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com