Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI2122 Datasheet HTML 10Page - Vicor Corporation PI2122 Datasheet HTML 11Page - Vicor Corporation PI2122 Datasheet HTML 12Page - Vicor Corporation PI2122 Datasheet HTML 13Page - Vicor Corporation PI2122 Datasheet HTML 14Page - Vicor Corporation PI2122 Datasheet HTML 15Page - Vicor Corporation PI2122 Datasheet HTML 16Page - Vicor Corporation PI2122 Datasheet HTML 17Page - Vicor Corporation PI2122 Datasheet HTML 18Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
elimination of one resistor. Under-Voltage is
monitored by the UV pin input and Over-Voltage is
monitored with the OV pin input.
The Fault pin ( FT ) will indicate a fault (active low)
when the UV pin is below the threshold or when the
OV pin is above the threshold. The UV and OV
thresholds are 0.50V typical with 25mV hysteresis
and their input current is less than ±1µA.
It is
important to consider the maximum current that will
flow in the resistor divider and maximum error due to
UV and OV input current. Set the resistor current to
100µA or higher to maintain 1% accuracy for UV and
OV due to the bias current.
The three-resistor voltage divider configuration for
both UV and OV to monitor the same voltage node
is shown in Figure 20:
Ra
TH
I
OV
V
Ra
)
(
=
Figure 20: UV & OV three-resistor divider
configuration.
Ra
TH
I
OV
V
Ra
)
(
=
Set
value based on system allowable current
Ra
Ra
I
Ra
TH
I
OV
V
Ra
)
(
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
)
(
)
(
UV
V
OV
V
Ra
Rb
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
=
1
)
(
TH
V
UV
V
Rb
Ra
Rc
Where:
)
(
TH
UV
V
: UV threshold voltage
)
(
TH
OV
V
: OV threshold voltage
V(UV)
: UV voltage
Ra
I
:
current.
Ra
Alternatively,
a
two-resistor
voltage
divider
configuration can be used and is shown in (Figure
21).
Figure 21: Two-resistor divider configuration
The UV resistor voltage divider can be obtained from
the following equations:
RUV
TH
UV
I
UV
V
R
)
(
1
=
Set
value based on system allowable current
UV
R1
A
I
RUV
μ
100
≥
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
)
(
)
(
1
2
TH
UV
UV
UV
V
UV
V
R
R
Where:
)
(
TH
UV
V
: UV threshold voltage
RUV
I
:
current
UV
R1
RUV
TH
UV
I
UV
V
R
)
(
1
=
Set
value based on system allowable current
OV
R1
A
I
RUV
μ
100
≥
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
)
(
)
(
1
2
TH
OV
OV
OV
V
OV
V
R
R
Where:
)
(
TH
OV
V
: OV threshold voltage
ROV
I
:
current
OV
R1
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 14 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com