Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 16 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 16 Page - Vicor Corporation

Back Button PI2122 Datasheet HTML 11Page - Vicor Corporation PI2122 Datasheet HTML 12Page - Vicor Corporation PI2122 Datasheet HTML 13Page - Vicor Corporation PI2122 Datasheet HTML 14Page - Vicor Corporation PI2122 Datasheet HTML 15Page - Vicor Corporation PI2122 Datasheet HTML 16Page - Vicor Corporation PI2122 Datasheet HTML 17Page - Vicor Corporation PI2122 Datasheet HTML 18Page - Vicor Corporation PI2122 Datasheet HTML 19Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
A
m
mV
on
Rds
reverse
Vth
reverse
Is
0
.
1
6
6
)
(
.
.
−
=
Ω
−
=
=
Forward Over-Current threshold\:
The following procedure demonstrates how to
calculate typical forward current in the internal
MOSFETs to generate a forward over-current fault
condition and turn off the internal MOSFETs at room
temperature (25°C) and typical Rds(on):
Ω
=
∗
Ω
=
m
m
on
Rds
61
.
11
29
.
1
9
)
(
maximum at 111°C
Maximum power dissipation is:
mW
m
A
on
Rds
Iin
Pd
743
61
.
11
)
8
(
)
(
2
2
max
=
Ω
∗
=
∗
=
Recalculate TJ:w
C
m
A
W
C
C
T
J
°
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
∗
∗
°
+
°
=
6
.
111
61
.
11
)
8
(
56
70
2
max
Reverse Current Threshold:
A
m
mV
on
Rds
V
I
TH
FOC
FOC
15
6
90
)
(
=
Ω
=
=
−
The following procedure demonstrates how to
calculate the minimum required reverse current in
the internal MOSFETs to generate a reverse fault
condition and turn off the internal Misfits at room
temperature (25°C) and typical Rds(on):
Figure 24: Plot of PI2122 response time to reverse current detection (Example 1, Figure 22)
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 16 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com