Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 17 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 17 Page - Vicor Corporation

Back Button PI2122 Datasheet HTML 11Page - Vicor Corporation PI2122 Datasheet HTML 12Page - Vicor Corporation PI2122 Datasheet HTML 13Page - Vicor Corporation PI2122 Datasheet HTML 14Page - Vicor Corporation PI2122 Datasheet HTML 15Page - Vicor Corporation PI2122 Datasheet HTML 16Page - Vicor Corporation PI2122 Datasheet HTML 17Page - Vicor Corporation PI2122 Datasheet HTML 18Page - Vicor Corporation PI2122 Datasheet HTML 19Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Layout Recommendation:
Use the following general guidelines when designing
printed circuit boards. An example of the typical
land pattern for the PI2122 is shown in Figure 25:
•
Make sure to have a solid ground (return) plane
to reduce circuit parasitic.
•
Connect all D1 pads together with a wide trace
to reduce trace parasitics to accommodate the
high current input, and also connect all D2 pads
together with a wide trace to accommodate the
high current output.
•
Connect the SP pin to the D1 pins and connect
the SN pin to D2 pins.
•
Use 1oz of copper or thicker if possible to
reduce trace resistance and reduce power
dissipation.
•
The VC bypass capacitor should be located as
close as possible to the VC and GND pins.
Place the PI2122 and bypass capacitor on the
same layer of the board. The VC pin and CVC
(shown as C2 in Figure 25) PCB trace should
not contain any vias or connect to the ground
plane close to the GND pin.
•
Keep the power source very close to the D1
input pins, any parasitic inductance in the trace
connecting the power source and D1 pins will
have inductive kick when there is high current
dv/dt in the trace when the MOSFETs turn off
due to reverse current fault conditions.
The
inductive kick will produce a high voltage across
the MOSFET. If it is not possible to connect the
power source and D1 pins with a very short
trace or common point, connect a capacitor
(shown as C5 in figure 25), recommended value
1µF, close to the D1 pins and return (ground).
Also for the same reason use C7 in figure 25 at
the output.
Figure 26: PI2122 Mounted on PI2122-EVAL1
Please visit www.picorpower.com for information on PI2122-EVAL1
Figure 25: PI2122 layout recommendation
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 17 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com