Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI2122 Datasheet HTML 2Page - Vicor Corporation PI2122 Datasheet HTML 3Page - Vicor Corporation PI2122 Datasheet HTML 4Page - Vicor Corporation PI2122 Datasheet HTML 5Page - Vicor Corporation PI2122 Datasheet HTML 6Page - Vicor Corporation PI2122 Datasheet HTML 7Page - Vicor Corporation PI2122 Datasheet HTML 8Page - Vicor Corporation PI2122 Datasheet HTML 9Page - Vicor Corporation PI2122 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Functional Description:
The PI2122 integrated Cool-ORing product takes
advantage of two different technologies combining 2
3m
Ω on-state resistance (Rds(on)) N-channel
MOSFETs with high density control circuitry. The
product can function as an ideal ORing diode in the
high-side of a redundant power system and a load
disconnect switch, significantly reducing power
dissipation and eliminating the need for heatsinking.
The PI2122 has two internal MOSFETs in a back-to-
back configuration that has the ability to block
current in both directions.
This configuration
protects the load and the input source, by turning off
the MOSFETs, during Reverse Current, Forward
Over-Current, Under-Voltage, Over-Voltage and
Over-Temperature faults.
Differential Amplifier:
The PI2122 integrates a high-speed low offset
voltage differential amplifier to sense the difference
between the Sense Positive (SP) pin voltage and
Sense Negative (SN) pin voltage with high
resolution.
The amplifier output is connected to
three comparators: Reverse comparator, Forward
comparator, and Forward over-current comparator.
Reverse Current Comparator: RVS
The reverse current comparator provides the most
critical function in the controller, detecting negative
voltage caused by reverse current. When the SN
pin is 6mV higher than the SP pin, the reverse
comparator will turn off the MOSFETs in typically
140ns.
The reverse comparator has typically 3mV of
hysteresis referenced to SP-SN.
Forward Current Comparator: FWD
The FWD comparator detects when a forward
current condition exists and SP is 5mV (typical)
positive with respect to SN. When SP-SN is less
than 5mV it will indicate a fault condition on the
FT pin during a light load while maintaining gate
drive to the MOSFETs. The PI2122 will initiate a
gate shutdown if the Forward “AND” the over-voltage
(OV) condition are true.
Over-Current Timer: OCT
OCT off-time is set by the capacitor value connected
to this pin as shown in Figure 4.
The OCT block will control the off-time of the
MOSFETs after a FOC fault condition has occurred.
The equivalent block diagram is shown in Figure 3.
As the Set input at the OCT timer goes high, Out
will go low, pulling MOSFETs Gate low. At the same
time a one shot of 40µs discharges the OCT
capacitor; then begins charging the capacitor again.
Out and MOSFETs Gate stay low until the OCT pin
reaches the OCT high threshold (VOCT-Hi), then Out
goes high and the MOSFETs starts to turn on. As
soon as the MOSFETs reaches sufficient gate
voltage for Rds(on) the Clamp Detector asserts and
turns MOSFETs on. If FOC is still low then the
MOSFETs Gate will be pulled low and will start a
new off-time cycle of the Over-Current timer.
Figure 3: OCT block and timing diagram
Short Circuit Detect: SCD
This comparator block input can be connected to the
load directly or programmed to a higher voltage with
a resistor divider. The function allows the user to
define the (Hard Short) voltage level expected if a
non-ideal short circuit occurs at the load. To prevent
damage of the MOSFETs under this condition
(VSCD<335mV) the gate charge current is increased
by a factor of approximately 5 times resulting in a
duty cycle that is approximately 5 times lower, as
determined by the OCT function.
This feature
enables distinguishing between a faulted load
versus powering capacitive and low resistive loads
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 6 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com