Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2122 Datasheet HTML 1Page - Vicor Corporation PI2122 Datasheet HTML 2Page - Vicor Corporation PI2122 Datasheet HTML 3Page - Vicor Corporation PI2122 Datasheet HTML 4Page - Vicor Corporation PI2122 Datasheet HTML 5Page - Vicor Corporation PI2122 Datasheet HTML 6Page - Vicor Corporation PI2122 Datasheet HTML 7Page - Vicor Corporation PI2122 Datasheet HTML 8Page - Vicor Corporation PI2122 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 4 of 19
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, COCT = 2nF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
FAULT Continued
Over-voltage Threshold Hysteresis
VOV-HS
25
mV
Over-voltage Bias Current
IOV
-1
1
μA
Fault Output Low Voltage
VFTL
200
500
mV
IFT=2mA, VC>4.5V
Fault Output High Leakage Current
IFT-LC
10
μA
VFT=14V
Fault Delay Time
tFT-DEL
20
40
60
μs
Includes output glitch filter
Over Temperature Fault (1)
TFT
145
°C
Over Temperature Fault Hysteresis(1)
TFT-HS
-10
°C
DIFFERENTIAL AMPLIFIER AND COMPARATORS
Common mode input voltage
VCM
-0.1
5.5
V
VCM =SP & SN w/respect to Gnd
VC to SN differential(1)
VVC-SN
3.5
V
Differential operating Input Voltage
VSP-SN
-50
125
mV
SP-SN
SP Input Bias Current
ISP
3.5
μA
VCM =1.25V
SN Input Bias Current
ISN
-37
μA
VCM =1.25V
SN (SP) Voltage
VSN
5.5
V
SP=0V (SN=0)
Reverse Comparator Off Threshold
VRVS-TH
-10
-6
-2
mV
VCM =3.3V
Reverse Comparator Hysteresis
VRVS-HS
2
3
5
mV
VCM =3.3V
Reverse Turn-off Delay
tF&RDLY
140
180
ns
VSP-SN = ± 50mV step
Forward Comparator On Threshold
VFWD-TH
2
5
9
mV
VCM =3.3V
Forward Comparator Hysteresis
VFWD-HS
-5
-3
-2
mV
VCM =3.3V
Forward Over Current Comparator
Threshold
VOC-TH
83
90
97
mV
VCM =3.3V
Forward Over Current Comparator
Hysteresis
VOC-HS
-8
-6
-4
mV
VCM =3.3V
Forward Over Current to Turn-off
Delay
tFOC-DLY
170
200
ns
VSP-SN = ± 50mV step
Over Current Timer: OCT
OCT Charging Source Current
ISL
-10
μA
VOCT = 1.25V
OCT Clamp Voltage
VOCT-CL
2.0
3.0
4.2
V
No Fault
OCT Threshold Voltage High
VOCT-Hi
1.75
V
SP=3.3V, SN=0V
OCT Threshold Voltage Low
VOCT-Lo
0.875
V
SP=3.3V, SN=0V
OCT OFF Time
TOCT-OFF
350
µs
FOC fault condition
OCT MOSFET Disable
VOCT-Lo
500
mV
IOCT = -100uA
OCT Discharge Current
IOCTSK
5
10
mA
VOCT =2.25V SP-SN=100mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com