Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 18 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 18 Page - Vicor Corporation

Back Button PI2122 Datasheet HTML 11Page - Vicor Corporation PI2122 Datasheet HTML 12Page - Vicor Corporation PI2122 Datasheet HTML 13Page - Vicor Corporation PI2122 Datasheet HTML 14Page - Vicor Corporation PI2122 Datasheet HTML 15Page - Vicor Corporation PI2122 Datasheet HTML 16Page - Vicor Corporation PI2122 Datasheet HTML 17Page - Vicor Corporation PI2122 Datasheet HTML 18Page - Vicor Corporation PI2122 Datasheet HTML 19Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Package Drawing
Thermal Resistance Ratings
Parameter
Symbol
Typical
Unit
Maximum Junction-to-Ambient
(2)
θJA
56
°C/W
Maximum Junction-to-PCB
θJC
14
°C/W
Note 2: In accordance with JEDEC JESD 51-5
Ordering Information
Part Number
Package
Temperature range
Transport Media
PI2122-00-LGIZ
5x7mm 17-pin LGA
-40°C to 125°C
T&R
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 18 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com