Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 5 Page - Vicor Corporation

  PI2122 Datasheet HTML 1Page - Vicor Corporation PI2122 Datasheet HTML 2Page - Vicor Corporation PI2122 Datasheet HTML 3Page - Vicor Corporation PI2122 Datasheet HTML 4Page - Vicor Corporation PI2122 Datasheet HTML 5Page - Vicor Corporation PI2122 Datasheet HTML 6Page - Vicor Corporation PI2122 Datasheet HTML 7Page - Vicor Corporation PI2122 Datasheet HTML 8Page - Vicor Corporation PI2122 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 5 of 19
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, COCT = 2nF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
SCD
SCD bias current
Iscd
-1
1
μA
VSCD=0V
SCD threshold voltage high
VThSCDR
300
340
380
mV
VSP-SN=20mV
SCD threshold voltage low
VThSCDF
310
mV
SCD Hysteresis
VThSCDR -
VThSCDF
25
50
75
mV
VSP-SN=20mV
Note 1: These parameters are not production tested but are guaranteed by design, characterization and
correlation with statistical process control.
Note 2: Current sourced by a pin is reported with a negative sign.
Note 3: Thermal resistance characterized on PI2122-EVAL1 evaluation board with 0 LFM airflow.
Note 4: Refer to the Auxiliary Power Supply section in the Application Information section for details on the VC
requirement to fully enhance the internal MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com