Electronic Components Datasheet Search
  English  ▼

X  

PI2122 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI2122
Description  12Amp Active ORing Solution With Load Disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2122 Datasheet(HTML) 1 Page - Vicor Corporation

  PI2122 Datasheet HTML 1Page - Vicor Corporation PI2122 Datasheet HTML 2Page - Vicor Corporation PI2122 Datasheet HTML 3Page - Vicor Corporation PI2122 Datasheet HTML 4Page - Vicor Corporation PI2122 Datasheet HTML 5Page - Vicor Corporation PI2122 Datasheet HTML 6Page - Vicor Corporation PI2122 Datasheet HTML 7Page - Vicor Corporation PI2122 Datasheet HTML 8Page - Vicor Corporation PI2122 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PI2122
Cool-ORing Series
12Amp Active ORing Solution With Load Disconnect
Description
The Cool-ORing PI2122 is a complete full-function
Active ORing solution with a high-speed ORing
MOSFET controller and a very low on-state
resistance Dual MOSFETs designed for use in
redundant power system architectures. The PI2122
Cool-ORing solution is offered in an extremely small,
thermally enhanced LGA package and can be used
in low voltage (
≤ 5Vbus) high side Active ORing
applications. The PI2122 enables extremely low
power loss with fast dynamic response to fault
conditions, critical for high availability systems. The
PI2122 provide true bi-directional switch capabilities
to protect against both power source and load fault
conditions.
A load short circuit detection feature allows user
definition of a short condition enabling minimum duty
cycle into a short. The PI2122 has the added benefit
of being able to protect against output load fault
conditions that may induce excessive forward
current and device over-temperature by turning off
the back-to-back MOSFETs with an auto-retry
programmable off-time. The back-to-back MOSFETs
drain-to-drain voltage is monitored to detect normal
forward, excessive forward, light load and reverse
current flow. The status is reported via an active low
fault flag output. A temperature sensing function
turns off the MOSFETs and indicates a fault if the
controller junction temperature exceeds 145
°C.
Features
•
Integrated High Performance 12A, 6m
Ω back-to-
back MOSFET
•
Very-small, high density fully-optimized solution
providing simple PCB layout.
•
Fast Dynamic Response, with 140ns reverse &
170ns forward over-current turn-off delay time
•
Accurate sensing capability to indicate system
fault conditions
•
Programmable under & over-voltage functions
•
Over temperature shutdown
•
Programmable over-current off time
•
Programmable short circuit load detection
•
Active low fault flag output
Applications
•
N+1 Redundant Power Systems
•
Servers & High End Computing
•
High-side Active ORing
•
High current Active ORing ( ≤ 5Vbus)
•
MicroTCA
Package
•
5mm x 7mm 17-pin Thermally Enhanced LGA
Package
Typical Application:
Figure 1: PI2122 High Side Active ORing
Figure 1:
PI2122 input current de-rating based on
Picor Corporation • picorpower.com
PI2122
Rev1.0
Page 1 of 19


Similar Part No. - PI2122

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2121 VICOR-PI2121 Datasheet
2Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
Rev. 1.2
PI2121-00-LGIZ VICOR-PI2121-00-LGIZ Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2121-00-LGIZ VICOR-PI2121-00-LGIZ Datasheet
2Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
Rev. 1.2
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
PI2121-EVAL1 Full-Function Active ORing
More results

Similar Description - PI2122

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
Active ORing Controller IC with Load Disconnect Feature
PI2121 VICOR-PI2121 Datasheet
1Mb / 21P
8 Volt, 24 Amp Full-Function Active ORing Solution
PI2123 VICOR-PI2123 Datasheet
1Mb / 20P
15 Volt, 15 Amp Full-Function Active ORing Solution
PI2125 VICOR-PI2125 Datasheet
1Mb / 20P
30 Volt, 12 Amp Full-Function Active ORing Solution
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2126 VICOR-PI2126 Datasheet
1Mb / 15P
30 Volt, 12 Amp Full-Function Active ORing Solution
PI2127 VICOR-PI2127 Datasheet
1Mb / 19P
60 Volt, 12 Amp Full-Function Active ORing Solution
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
PI2002-EVAL1 Active ORing With Load Disconnect
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com