Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8264 Datasheet HTML 3Page - Analog Devices AD8264 Datasheet HTML 4Page - Analog Devices AD8264 Datasheet HTML 5Page - Analog Devices AD8264 Datasheet HTML 6Page - Analog Devices AD8264 Datasheet HTML 7Page - Analog Devices AD8264 Datasheet HTML 8Page - Analog Devices AD8264 Datasheet HTML 9Page - Analog Devices AD8264 Datasheet HTML 10Page - Analog Devices AD8264 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD8264
Rev. 0 | Page 7 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IPP2
OPP3
IPN3
IPP3
8
7
6
5
1
4
3
2
29
30
31
32
28
34 33
27
IPN2
IPN1
OPP1
OPP2
14
13
17
12
11
18
VOH3
VGA3
VOL3
15 16
20
37
35
19
VOH1
VOH2
21
22
23
24
VGA2
VOL2
VOL1
PIN1
INDICATOR
AD8264
TOP VIEW
(Not to Scale)
IPN4
OPP4
10
9
38
39
VOL4
VOH4
36
40
25
26
NOTES
1. EXPOSED PADDLE (PIN 0) NEEDS AN ELECTRICAL
CONNECTION TO GROUND. FOR PROPER RF GROUNDING
AND INCREASED RELIABILITY, THE PAD MUST BE
CONNECTED TO THE GROUND PLANE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
0 (EP), 12, 39
COMM
Ground. Exposed paddle (EP, Pin 0) needs an electrical connection to ground. For proper RF grounding
and increased reliability, the pad must be connected to the ground plane.
1, 4, 7, 10
IPN1, IPN2,
IPN3, IPN4
Negative Preamp Inputs for Channel 1 Through Channel 4. Normally, no external connection is needed.
2, 3, 8, 9
OPP1, OPP2,
OPP3, OPP4
Preamp Output for Channel 1 Through Channel 4. This pin is internally connected to the attenuator
(VGA) input, and normally, no external connection is needed.
5, 6, 11, 40
IPP1, IPP2,
IPP3, IPP4
Positive Preamp Input for Channel 1 Through Channel 4. High impedance.
13, 14, 37, 38
GNH1, GNH2,
GNH3, GNH4
Positive Gain Control Voltage Input for Channel 1 Through Channel 4. This pin is referenced to GNLO (Pin 36).
15
VOCM
This pin sets the differential output amplifier (VOHx and VOLx) common-mode voltage.
16, 35
VPOS
Positive Supply (Internally Tied Together).
17, 34
VNEG
Negative Supply (Internally Tied Together).
18, 19, 32, 33
OFS1, OFS2,
OFS3, OFS4
Voltage sets the differential output offset for Channel 1 through Channel 4. This is the noninverting input
to the differential amplifier, and it has the same bandwidth as the inverting input (VGAx).
20, 25, 26, 31
VGA4, VGA3
VGA2, VGA1
VGA Output for Channel 1 Through Channel 4.
21, 24, 27, 30
VOL1, VOL2
VOL3, VOL4
Negative Differential Amplifier Output for Channel 1 Through Channel 4.
22, 23, 28, 29
VOH1, VOH2,
VOH3, VOH4
Positive Differential Amplifier Output for Channel 1 Through Channel 4.
36
GNLO
Negative Gain Control Input (Reference for GNHx Pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com