Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8264 Datasheet HTML 15Page - Analog Devices AD8264 Datasheet HTML 16Page - Analog Devices AD8264 Datasheet HTML 17Page - Analog Devices AD8264 Datasheet HTML 18Page - Analog Devices AD8264 Datasheet HTML 19Page - Analog Devices AD8264 Datasheet HTML 20Page - Analog Devices AD8264 Datasheet HTML 21Page - Analog Devices AD8264 Datasheet HTML 22Page - Analog Devices AD8264 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD8264
Rev. 0 | Page 19 of 40
100k
1M
10M
100M
FREQUENCY (Hz)
–5
–15
–25
–35
–45
–55
5
VGAx (VGAIN = −0.7V)
DIFF OUT (VGAIN = −0.7V)
VGAx (VGAIN = +0.7V)
DIFF OUT (VGAIN = +0.7V)
Figure 69. Power Supply Rejection vs. Frequency (VNEG)
55
65
75
85
95
105
115
125
135
–40
–15
10
35
60
85
110
TEMPERATURE (°C)
±2.5V
±5V
±3.3V
Figure 70. Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com