Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8264 Datasheet HTML 16Page - Analog Devices AD8264 Datasheet HTML 17Page - Analog Devices AD8264 Datasheet HTML 18Page - Analog Devices AD8264 Datasheet HTML 19Page - Analog Devices AD8264 Datasheet HTML 20Page - Analog Devices AD8264 Datasheet HTML 21Page - Analog Devices AD8264 Datasheet HTML 22Page - Analog Devices AD8264 Datasheet HTML 23Page - Analog Devices AD8264 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD8264
Rev. 0 | Page 20 of 40
TEST CIRCUITS
VS = ±2.5 V, TA = 25°C, f = 10 MHz, CL = 5 pF, RL = 500 Ω per output (VGAx, VOHx, VOLx), VGAIN = (VGNHx − VGNLO) = 0 V,
VVOCM = GND, VOFSx = GND, gain range = 6 dB to 30 dB, unless otherwise specified.
50Ω
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
OVEN
GNLO
DC
METER
500Ω
500Ω
500Ω
VGAIN
DC
METER
Figure 71. Gain vs. VGAIN vs. Temperature (See Figure 3 and Figure 4)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
DIFFERENTIAL
PROBE
VGAIN
CH1
CH2
50Ω
50Ω
50Ω
500Ω
OUT
SIGNAL
GENERATOR
OSCILLOSCOPE
Figure 72. Gain Error vs. VGAIN at Various Frequencies to VGAx (See Figure 5)
PrA
6dB
+
–
6dB
+
–
VOCM
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
VGAIN
CH1
CH2
50Ω
50Ω
500Ω
NETWORK ANALYZER
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
Figure 73. Frequency Response vs. Gain to VGAx for Various Values of VGAIN,
VGAIN = GNHx – GNLO (See Figure 10)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
VGAIN
CH1
CH2
50Ω
50Ω
NETWORK ANALYZER
500Ω
500Ω
Figure 74. Frequency Response vs. Gain to Differential Output for Various
Values of VGAIN (See Figure 11)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
500Ω
500Ω
NETWORK ANALYZER
CL
CL
Figure 75. Frequency Response to Differential Output for
Various Capacitive Loads (See Figure 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com