Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8264 Datasheet HTML 24Page - Analog Devices AD8264 Datasheet HTML 25Page - Analog Devices AD8264 Datasheet HTML 26Page - Analog Devices AD8264 Datasheet HTML 27Page - Analog Devices AD8264 Datasheet HTML 28Page - Analog Devices AD8264 Datasheet HTML 29Page - Analog Devices AD8264 Datasheet HTML 30Page - Analog Devices AD8264 Datasheet HTML 31Page - Analog Devices AD8264 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD8264
Rev. 0 | Page 28 of 40
THEORY OF OPERATION
OVERVIEW
The AD8264 is a dc-coupled quad channel VGA with a fixed
gain-of-2 (6 dB) preamplifier and a single-ended-to-differential
output amplifier with level shift capability that can be used as an
ADC driver. Figure 111 shows a representative block diagram of
a single channel; all four channels are identical. The supply can
operate from ±2.5 V to ±5 V. The primary application is as a
pulse processor for medical positron emission tomography
(PET) imaging; however, the part is useful for any dc-coupled
application that can benefit from variable gain.
The signal chain consists of three fundamental stages: the
preamplifier, the variable gain amplifier, and the differential
output buffer amplifier. The preamplifier has an internally fixed
gain-of-2 (6 dB). The VGA comprises an attenuator that
provides 0 dB to 24 dB of attenuation, followed by a fixed gain
18 dB (8×) amplifier. The single-ended VGA output is connected
directly to the noninverting input of the differential output
(post) amplifier, which has a differential fixed gain-of-2 (6 dB).
The gain range from the preamp input to the VGA output is
0 dB to 24 dB. The aggregate gain range from preamp input to
the differential postamplifier output is 6 dB to 30 dB.
The ideal gain equation for the gain from the single-ended
input to the output is
VGAIN = VGNHx − VGNLO
(1)
ICPT
V
Gain
GAIN +
×
=
V
dB
20
(2)
The ideal value for ICPT, or the intercept, is defined at VGAIN = 0 V.
The ICPT for the VGA output and differential amplifier outputs
equals 12.1 dB and 18.1 dB, respectively. The actual intercept
varies with any additional gain or loss along the signal path.
The measured values are both approximately 0.2 dB low.
PREAMP
The preamplifier is a current feedback amplifier, designed to
drive the internal 100 Ω gain setting resistors and the resistive
attenuator, which together result in a nominal load to the
preamplifier of about 113 Ω. Normally, the negative preamp
input, IPNx, is not connected externally. The positive input
IPPx is the high impedance input of the current feedback amp.
Note that, at the largest supply voltage of ±5 V, the input signal
can become so large that the preamplifier output cannot deliver
the required current to drive the 113 Ω load and, therefore, limits
at 6 V p-p. This means that the input limits at 3 V p-p.
The short-circuit input referred noise at maximum VGA gain is
about 2.3 nV/√Hz, and this accounts for all of the amplifiers and
gain setting resistors. When measuring the input referred noise
from the VGA output, the number is slightly lower at 2.1 nV/√Hz
because the noise of the postamplifier is not included in the
noise calculation.
VGA
The VGA has a voltage feedback architecture and uses analog
control to vary the gain. Its low gain range helps to maintain
low offset and is intended for gain trim applications. The offset
of the preamp and the VGA are trimmed; therefore, the maximum
input referred offset is <0.5 mV over temperature (see Figure 26).
Keeping the gain of each stage relatively low also allows the
bandwidth to stay high.
The gain of the VGA is adjusted using the fully differential
control inputs, GNHx and GNLO. The GNLO pin is internally
connected to all four channels and must be biased externally.
Under typical conditions, the GNLO pin is grounded. The gain
high control pins (GNHx) are independent for each channel.
The gain slope is nominally 20 dB/V. With GNLO connected to
ground, each GNHx input can have a voltage applied from VNEG
to VPOS without gain foldover.
To make use of the full gain range of the VGA, the nominal gain
control voltage needed at GNHx is ±0.65 V relative to the voltage
applied to GNLO. At the lowest supply voltage of ±2.5 V, the pin
GNLO should always be grounded. With increasing supply, the
common-mode range of the gain control interface increases.
This means that GNLO can be anywhere within ±1.2 V at
±3.3 V supplies and ±2.8 V at ±5 V supplies.
Table 5. Gain Control Input Range
Supply Voltage (V)
GNLO Voltage Range (V)
VGAIN Range (V)
±5
±2.8
±0.65
±3.3
±1.2
±0.65
±2.5
0
±0.65
For example, at ±3.3 V supplies, the outputs of a single-supply
unipolar DAC, such as the 10-bit, 4-channel AD5314, can be
used to drive the GNHx pins directly, in conjunction with using
the ADR318 1.8 V reference to bias the GNLO pin at VREF/2 = 0.9.
Because the GNLO pin sources only about 1.2 μA for the four
channels (~300 nA per channel, the same as for the GNHx pins), a
simple resistive divider is generally adequate to set the voltage at
the GNLO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com