Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8264 Datasheet HTML 5Page - Analog Devices AD8264 Datasheet HTML 6Page - Analog Devices AD8264 Datasheet HTML 7Page - Analog Devices AD8264 Datasheet HTML 8Page - Analog Devices AD8264 Datasheet HTML 9Page - Analog Devices AD8264 Datasheet HTML 10Page - Analog Devices AD8264 Datasheet HTML 11Page - Analog Devices AD8264 Datasheet HTML 12Page - Analog Devices AD8264 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD8264
Rev. 0 | Page 9 of 40
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.2
0.5
0.4
0.3
0.1
GAIN ERROR MATCHING (dB)
0
100
200
300
400
500
600
700
CH 1 TO CH 2
CH 1 TO CH 3
CH 1 TO CH 4
VGAIN = 0V
Figure 9. Channel-to-Channel Gain Match Histogram
–18
–12
–6
0
6
12
18
24
30
100k
1M
10M
100M
FREQUENCY (Hz)
VGAIN = +0.7V
PIN = –28dBm
VGAIN = +0.5V
VGAIN = +0.2V
VGAIN = 0V
VGAIN = –0.2V
VGAIN = –0.5V
VGAIN = –0.7V
Figure 10. Frequency Response vs. Gain to VGAx for
Various Values of VGAIN
–40
–30
–20
–10
0
10
20
30
40
FREQUENCY (Hz)
100k
1M
10M
100M
VGAIN = +0.7V
VGAIN = +0.5V
VGAIN = +0.2V
VGAIN = 0V
VGAIN = –0.2V
VGAIN = –0.5V
VGAIN = –0.7V
PIN = –44dBm
Figure 11. Frequency Response vs. Gain to Differential Output for
Various Values of VGAIN
–40
–30
–20
–10
0
10
20
30
FREQUENCY (Hz)
100k
1M
10M
100M
500M
CL = 0pF
CL = 10pF
CL = 22pF
VOUT = 0.1V p-p
Figure 12. Frequency Response to Differential Output for
Various Capacitive Loads
–30
–20
–10
0
10
20
30
–40
FREQUENCY (Hz)
100k
1M
10M
100M
VOUT = 0.1V p-p
CL = 0pF
CL = 10pF
CL = 22pF
Figure 13. Frequency Response to Differential Output for
Various Capacitive Loads with Series R = 10 Ω
–30
–20
–10
0
10
20
FREQUENCY (Hz)
100k
1M
10M
100M
500M
CL = 0pF
CL = 10pF
CL = 22pF
CL = 47pF
VOUT = 0.1V p-p
Figure 14. Small Signal Frequency Response to VGAx for
Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com