Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8264 Datasheet HTML 12Page - Analog Devices AD8264 Datasheet HTML 13Page - Analog Devices AD8264 Datasheet HTML 14Page - Analog Devices AD8264 Datasheet HTML 15Page - Analog Devices AD8264 Datasheet HTML 16Page - Analog Devices AD8264 Datasheet HTML 17Page - Analog Devices AD8264 Datasheet HTML 18Page - Analog Devices AD8264 Datasheet HTML 19Page - Analog Devices AD8264 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD8264
Rev. 0 | Page 16 of 40
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
0
20
40
10
50
30
VGAIN (V)
f = 35MHz, OIP3L
f = 35MHz, OIP3H
f = 100MHz, OIP3L
f = 100MHz, OIP3H
f = 1MHz, OIP3L
f = 1MHz, OIP3H
f = 10MHz, OIP3L
f = 10MHz, OIP3H
Figure 51. OIP3 vs. VGAIN vs. Frequency to VGAx
0
10M
FREQUENCY (Hz)
1M
100M
HIGH TONE, f + 50kHz
LOW TONE, f – 50kHz
−20
−40
−60
−80
−100
VOUT = 1V p-p
Figure 52. IMD3 vs. Frequency to Differential Output
0
20
40
10
50
30
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
f = 1MHz, OIP3L
f = 1MHz, OIP3H
f = 10MHz, OIP3L
f = 10MHz, OIP3H
f = 35MHz, OIP3L
f = 35MHz, OIP3H
VGAIN (V)
Figure 53. OIP3 vs. Frequency to Differential Output
VGAx (VS = ±5V)
DIFF OUT (VS = ±5V)
VGAx (VS = ±3.3V)
DIFF OUT (VS = ±3.3V)
VGAx (VS = ±2.5V)
DIFF OUT (VS = ±2.5V)
VGAIN (V)
−15
0
10
−10
20
−5
15
5
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
Figure 54. Input P1dB vs. VGAIN
–0.10
–0.05
0
0.05
0.10
–40
–20
0
20
40
60
80
100
TIME (ns)
VGAIN = 0.7V
Figure 55. Small Signal Pulse Response to VGAx
–40
–20
0
20
40
60
80
100
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
TIME (ns)
VGAIN = 0.7V
Figure 56. Small Signal Pulse Response to Differential Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com