Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8264 Datasheet HTML 22Page - Analog Devices AD8264 Datasheet HTML 23Page - Analog Devices AD8264 Datasheet HTML 24Page - Analog Devices AD8264 Datasheet HTML 25Page - Analog Devices AD8264 Datasheet HTML 26Page - Analog Devices AD8264 Datasheet HTML 27Page - Analog Devices AD8264 Datasheet HTML 28Page - Analog Devices AD8264 Datasheet HTML 29Page - Analog Devices AD8264 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AD8264
Rev. 0 | Page 26 of 40
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
CH1
CL
50Ω
50Ω
OUT
PULSE
GENERATOR
500Ω
OSCILLOSCOPE
DIFFERENTIAL
PROBE
CL
500Ω
Figure 104. Pulse Response to Differential Output for Various Capacitive
Loads, VGAIN = 0.7 V (See Figure 62)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
CH1
CL
50Ω
50Ω
OUT
PULSE
GENERATOR
500Ω
10Ω
OSCILLOSCOPE
DIFFERENTIAL
PROBE
CL
500Ω
10Ω
Figure 105. Pulse Response to Differential Output for Various Capacitive
Loads with Series R = 10 Ω, VGAIN = 0.7 V (See Figure 63)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OUT
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH2
CH1
50Ω
50Ω
OSCILLOSCOPE
500Ω
500Ω
500Ω
50Ω
50Ω
OUT
SIGNAL
GENERATOR
PULSE
GENERATOR
Figure 106. Gain Response to VGAx or Differential Output
(See Figure 64 and Figure 65)
PrA
6dB
+
–
6dB
+
–
IPPx
OPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
DIFFERENTIAL
PROBE
CH1
50Ω
OSCILLOSCOPE
50Ω
50Ω
OUT
SIGNAL
GENERATOR
Figure 107. Preamp Overdrive Recovery (See Figure 66)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
DIFFERENTIAL
PROBE
CH1
50Ω
OSCILLOSCOPE
50Ω
50Ω
OUT
SIGNAL
GENERATOR
Figure 108. VGA Overdrive Recovery, VGAIN = 0.7 V (See Figure 67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com