Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8264 Datasheet HTML 21Page - Analog Devices AD8264 Datasheet HTML 22Page - Analog Devices AD8264 Datasheet HTML 23Page - Analog Devices AD8264 Datasheet HTML 24Page - Analog Devices AD8264 Datasheet HTML 25Page - Analog Devices AD8264 Datasheet HTML 26Page - Analog Devices AD8264 Datasheet HTML 27Page - Analog Devices AD8264 Datasheet HTML 28Page - Analog Devices AD8264 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD8264
Rev. 0 | Page 25 of 40
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
CH2
CH3
50Ω 50Ω
CH1
50Ω
NETWORK ANALYZER
500Ω
500Ω
VGAIN
500Ω
Figure 98. Input P1dB vs. VGAIN (See Figure 54)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
50Ω
500Ω
OUT
PULSE
GENERATOR
OSCILLOSCOPE
Figure 99. Pulse Response to VGAx, VGAIN = 0.7 V (See Figure 55 and Figure 57)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
50Ω
OUT
PULSE
GENERATOR
OSCILLOSCOPE
500Ω
500Ω
Figure 100. Pulse Response to Differential Outputs, VGAIN = 0.7 V
(See Figure 56 and Figure 58)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OUT
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
50Ω
OSCILLOSCOPE
500Ω
500Ω
50Ω
PULSE
GENERATOR
50Ω
Figure 101. VOCM Pulse Response (See Figure 59)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OUT
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
50Ω
OSCILLOSCOPE
50Ω
PULSE
GENERATOR
50Ω
Figure 102. OFSx Pulse Response (See Figure 60)
PrA
6dB
+
–
6dB
+
–
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
CH1
CL
50Ω
50Ω
OUT
PULSE
GENERATOR
500Ω
OSCILLOSCOPE
DIFFERENTIAL
PROBE
Figure 103. Pulse Response to VGAx for Various Capacitive Loads,
VGAIN = 0.7 V (See Figure 61)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com