Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8264 Datasheet HTML 10Page - Analog Devices AD8264 Datasheet HTML 11Page - Analog Devices AD8264 Datasheet HTML 12Page - Analog Devices AD8264 Datasheet HTML 13Page - Analog Devices AD8264 Datasheet HTML 14Page - Analog Devices AD8264 Datasheet HTML 15Page - Analog Devices AD8264 Datasheet HTML 16Page - Analog Devices AD8264 Datasheet HTML 17Page - Analog Devices AD8264 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD8264
Rev. 0 | Page 14 of 40
−90
−60
−50
−80
−70
−30
−40
HD2, VS = ±2.5V
HD3, VS = ±2.5V
HD2, VS = ±5V
HD3, VS = ±5V
0
102030
50
40
CLOAD (pF)
Figure 39. Harmonic Distortion to VGAx vs. CLOAD
−90
−60
−50
−80
−70
−30
−40
RLOAD (Ω)
HD2, VS = ±2.5V
HD3, VS = ±2.5V
HD2, VS = ±5V
HD3, VS = ±5V
0
400
800
1200
2000
1600
Figure 40. Harmonic Distortion to Differential Output vs.
RLOAD and Various Supplies
−90
−60
−50
−80
−70
−30
−40
CLOAD (pF)
50
40
30
20
10
0
HD2, VS = ±2.5V
HD3, VS = ±2.5V
Figure 41. Harmonic Distortion to Differential Output vs. CLOAD
–90
–60
–50
–80
–70
–30
–40
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
1MHz
10MHz
35MHz
100MHz
Figure 42. HD2 vs. VGAIN vs. Frequency to VGAx
−90
−60
−50
−80
−70
−20
−30
−40
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
1MHz
10MHz
35MHz
100MHz
Figure 43. HD3 vs. VGAIN vs. Frequency to VGAx
−90
−60
−50
−80
−70
−30
−40
VGAIN (V)
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
VGAx = 0.5Vp-p
VGAx = 1Vp-p
VGAx = 2Vp-p
INPUT LIMITED
Figure 44. HD2 vs. Amplitude to VGAx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com