Electronic Components Datasheet Search
  English  ▼

X  

AD8264 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 1 Page - Analog Devices

  AD8264 Datasheet HTML 1Page - Analog Devices AD8264 Datasheet HTML 2Page - Analog Devices AD8264 Datasheet HTML 3Page - Analog Devices AD8264 Datasheet HTML 4Page - Analog Devices AD8264 Datasheet HTML 5Page - Analog Devices AD8264 Datasheet HTML 6Page - Analog Devices AD8264 Datasheet HTML 7Page - Analog Devices AD8264 Datasheet HTML 8Page - Analog Devices AD8264 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Quad, 235 MHz, DC-Coupled VGA
and Differential Output Amplifier
AD8264
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise
Voltage noise: 2.3 nV/√Hz
Current noise: 2 pA/√Hz
Wide bandwidth
Small signal: 235 MHz (VGAx); 80 MHz (differential output
amplifier)
Large signal: 80 MHz (1 V p-p)
Gain range
0 to 24 dB (input to VGA output)
6 to 30 dB (input to differential output)
Gain scaling: 20 dB/V
DC-coupled
Single-ended input and differential output
Supplies: ±2.5 V to ±5 V
Low power: 140 mW per channel @ ±3.3 V
APPLICATIONS
Multichannel data acquisition
Positron emission tomography
Gain trim
Industrial and medical ultrasound
Radar receivers
FUNCTIONAL BLOCK DIAGRAM
VOCM
VPOS
IPP1
GNH1
IPN1
ATTENUATOR
–24dB TO 0dB
VOH1
VOL1
IPP3
GNH3
IPN3
VOH3
VOL3
6dB
IPP4
GNH4
IPN4
+
–
PrA
6dB
+
–
PrA
6dB
+
–
PrA
6dB
+
–
PrA
6dB
VOH4
VOL4
6dB
IPP2
GNH2
IPN2
ATTENUATOR
–24dB TO 0dB
ATTENUATOR
–24dB TO 0dB
ATTENUATOR
–24dB TO 0dB
VOH2
VOL2
OPP2
GNLO
OPP3
OPP4
18dB
18dB
18dB
18dB
OFS2
OFS1
OFS3
OFS4
VNEG
VGA1
VGA2
VGA3
COMM
OPP1
VGA4
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
CH1 GAIN
CONTROL
CH2 GAIN
CONTROL
CH3 GAIN
CONTROL
CH4 GAIN
CONTROL
6dB
6dB
Figure 1.
GENERAL DESCRIPTION
The AD8264 is a 4-channel, linear-in-dB, general-purpose
variable gain amplifier (VGA) with a preamplifier (preamp),
and a flexible differential output buffer. Intended for a broad
range of applications, dc coupling combined with wide band-
width makes this amplifier a very good pulse processor.
Each channel includes a single-ended input preamp/VGA
section to preserve the wide bandwidth and fast slew rate for low-
distortion pulse applications. A 6 dB differential output buffer
with common-mode and offset adjustments enable direct coupling
to most modern high speed analog-to-digital converters (ADCs),
using the converter reference output for perfect dc matching levels.
The −3 dB bandwidth of the preamp/VGA is dc to 235 MHz,
and the bandwidth of the differential driver is 80 MHz. The
floating gain control interface provides a precise linear-in-dB scale
of 20 dB/V and is easy to interface to a variety of external circuits.
The gain of each channel is adjusted independently, and all
channels are referenced to a single pin, GNLO. Combined with
a multi-output, digital-to-analog converter (DAC), each section
of the AD8264 can be used for active calibration or as a trim
amplifier.
The gain range of the VGA section is 24 dB. Operation from
a dual polarity power supply enables amplification of negative
voltage pulses that are generated by current-sinking pulses into
a grounded load, such as is typical of photodiodes or photo-
multiplier tubes (PMT). Delay-free processing of wide-band
video signals is also possible. The differential output amplifier
permits convenient level shifting and interfacing to single-
supply ADCs using the VOCM and OFSx pins.
The AD8264 is available in a 40-lead, 6 mm × 6 mm LFCSP
with an operating temperature range of −40°C to +105°C.


Similar Part No. - AD8264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8264 AD-AD8264 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264-EVALZ AD-AD8264-EVALZ Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264ACPZ AD-AD8264ACPZ Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264ACPZ-R7 AD-AD8264ACPZ-R7 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
AD8264ACPZ-RL AD-AD8264ACPZ-RL Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
More results

Similar Description - AD8264

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Devices
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD8264 AD-AD8264_16 Datasheet
1Mb / 40P
Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
1/16-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
DC-Coupled Output
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com