Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP505 Datasheet HTML 8Page - Exar Corporation SP505 Datasheet HTML 9Page - Exar Corporation SP505 Datasheet HTML 10Page - Exar Corporation SP505 Datasheet HTML 11Page - Exar Corporation SP505 Datasheet HTML 12Page - Exar Corporation SP505 Datasheet HTML 13Page - Exar Corporation SP505 Datasheet HTML 14Page - Exar Corporation SP505 Datasheet HTML 15Page - Exar Corporation SP505 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
2
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
Figure 32. Driver Output Leakage Current Test
Figure 33. Driver/Receiver Timing Test Circuit
Figure 30. V.35 Receiver Input Source Impedance
Figure 29. V.35 Driver Output Rise/Fall Time
Figure 3. V.35 Receiver Input Short-Circuit Impedance
Figure 28. V.35 Driver Output Short-Circuit Impedance
A
B
C
ISC
±2V
A
B
C
50Ω
Oscilloscope
50Ω
50Ω
A
B
C
Isc
±2V
C
L1
15pF
R
OUT
A
B
A
B
T
IN
C
L2
f
IN (50% Duty Cycle, 2.5VP-P)
A
B
V
2
50Ω
C
24kHz, 550mV p-p
S ine Wave
V
1
A
B
I
ZS C
Logic “1”
±15V
0
0
0
0
DEC 3 DEC 2 DEC 1 DEC 0
VCC = +5V
VCC
Any one of the two conditions for disabling the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com